Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2DL1504ZXCT Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # CY2DL1504ZXCT
Description  1:4 Differential LVDS Fanout Buffer with Selectable Clock Input
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2DL1504ZXCT Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button CY2DL1504ZXCT Datasheet HTML 7Page - Cypress Semiconductor CY2DL1504ZXCT Datasheet HTML 8Page - Cypress Semiconductor CY2DL1504ZXCT Datasheet HTML 9Page - Cypress Semiconductor CY2DL1504ZXCT Datasheet HTML 10Page - Cypress Semiconductor CY2DL1504ZXCT Datasheet HTML 11Page - Cypress Semiconductor CY2DL1504ZXCT Datasheet HTML 12Page - Cypress Semiconductor CY2DL1504ZXCT Datasheet HTML 13Page - Cypress Semiconductor CY2DL1504ZXCT Datasheet HTML 14Page - Cypress Semiconductor CY2DL1504ZXCT Datasheet HTML 15Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
CY2DL1504
Document Number: 001-56312 Rev. *E
Page 13 of 15
Document History Page
Document Title: CY2DL1504 1:4 Differential LVDS Fanout Buffer with Selectable Clock Input
Document Number: 001-56312
Revision
ECN
Orig. of Change
Submission
Date
Description of Change
**
2782891
CXQ
10/09/09
New Datasheet.
*A
2838613
CXQ
01/05/2010
Changed status from “ADVANCE” to “PRELIMINARY”.
Changed from 0.34 ps to 0.25 ps maximum additive jitter in “Features”
on page 1 and in tJIT in the AC Electrical Specs table on page 5.
Added tPU spec to the Operating Conditions table on page 3.
Changed max IDD spec in the DC Electrical Specs table on page 4 from
60 mA to 61 mA.
Removed VOD and ΔVOD specs from the DC Electrical Specs table on
page 4.
Changed IOZ in the DC Electrical Specs table on page 4 from min of
-10 uA to -15 uA and from max of 10 uA to 15 uA.
Added RP spec in the DC Electrical Specs table on page 4. Min = 60 kΩ,
Max = 140 k
Ω.
Added a measurement definition for CIN in the DC Electrical Specs table
on page 4.
Added VPP and ΔVPP specs to the AC Electrical Specs table on page 5.
VPP min = 250 mV and max = 470 mV; ΔVPP max = 50 mV.
Changed letter case and some names of all the timing parameters in the
AC Electrical Specs table on page 5 to be consistent with EROS.
Lowered all additive phase noise mask specs by 3 dB in the AC Electrical
Specs table on page 5.
Added condition to tR and tF specs in the AC Electrical specs table on
page 5 that input rise/fall time must be less than 1.5 ns (20% to 80%).
Changed letter case and some names of all the timing parameters in
Figures 4, 5, 6, 7 and 9, to be consistent with EROS. Updated Figure 4
with definition for VPP and ΔVPP.
*B
3010332
CXQ
08/18/2010
Changed from 0.25 ps to 0.11 ps maximum additive jitter in “Features”
on page 1 and in tJIT in the AC Electrical Specs table on page 5.
Added “Functional equivalent to ICS8543i” to the “Features” section.
Changed pin 13 in Figure 1 and Table 1 from VDD to VSS.
Changed pin 8 description in Table 1 from “high impedance” to “disabled”.
Added note 6 to describe IIH and IIL specs.
Removed reference to data distribution from “Functional Description”.
Changed RP for diff inputs from 100 kΩ to 150 kΩ in the Logic Block
Diagram and from 60 k
Ω min / 140 kΩ max to 90 kΩ min / 210 kΩ max
in the DC Electrical Specs table.
Split VID into separate specs in DC Electrical Specs table: 0.4 V min and
0.8 V max for LVDS, 0.4 V min and 1.0 V max for LVPECL.
Updated phase noise specs for 1 k/10 k/100 k/1 M/10 M/20 MHz offset
to -120/-130/-135/-150/-150/-150dBc/Hz, respectively, in the AC
Electrical Specs table.
Added “Frequency range up to 1 GHz” condition to tODC spec.
Changed tOD in the AC Electrical Specs table from 3 ns max to 5 ns max.
Added Acronyms and Ordering Code Definition.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com