Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC7537 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC7537
Description  Electronic Volume Control System for Audio Equipment
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC7537 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC7537 Datasheet HTML 1Page - Sanyo Semicon Device LC7537 Datasheet HTML 2Page - Sanyo Semicon Device LC7537 Datasheet HTML 3Page - Sanyo Semicon Device LC7537 Datasheet HTML 4Page - Sanyo Semicon Device LC7537 Datasheet HTML 5Page - Sanyo Semicon Device LC7537 Datasheet HTML 6Page - Sanyo Semicon Device LC7537 Datasheet HTML 7Page - Sanyo Semicon Device LC7537 Datasheet HTML 8Page - Sanyo Semicon Device LC7537 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Absolute Maximum Ratings at Ta = 25°C, VSS = 0 V, VDD = ≥ VCC > VSS ≥ VEE
No. 2169-2/11
LC7537N, 7537AN, 7537NE
Pin Assignments
Equivalent Circuit Block Diagram
Specifications
Note: 1. A1000 pF or larger capacitor should be added on between each individual power supply terminal and VSS.
2. When the microcomputer side control signals rise faster than VDD for the LC7537, a 2 kΩ or higher resistor should be inserted midway on each of
the DI, CLK, and CE lines.
3. When mounting the QIP package on the board, do not dip the entire package in solder. Only the LC7537NE may be dipped directly in solder during
mounting.
Item
Symbol
Condition
Rating
Unit
Maximum supply voltage
VDD – VEE max
VDD, VEE : VEE ≥ –8 V
16
V
VCC max
VCC : VDD ≥ VCC
VSS – 0.3 to VSS + 7
V
Input supply voltage
VI1
DI, CLK, CE
VSS – 0.3 to VDD + 0.3
V
VI2
INIT
VSS – 0.3 to VDD + 0.3
V
Allowable power dissipation
Pd max
Ta
≤ 85˚C, (LC7537N, 7537AN)
200
mW
Ta
≤ 85˚C, (LC7537NE)
300
mW
Operating temperature
Topr
–40 to +85
˚C
Storage temperature
Tstg *3
–50 to +125
˚C
Allowable Operating Conditions at Ta = 25°C, VSS = 0 V, VDD = ≥ VCC > VSS ≥ VEE
Item
Symbol
Condition
Rating
Unit
Supply voltage *1
VDD – VEE
VEE ≥ –7.5 V
4.5 to 15
V
VCC
4.5 to 5.5
V
Input high–level voltage
VIH1 *2
DI, CLK, CE
0.8 VCC to VCC
V
VIH2
INIT
0.8 (VDD – VEE) + VEE to VDD
V
Input low–level voltage
VIL1 *2
DI, CLK, CE
VSS to 0.2 VCC
V
VIL2
INIT
VEE to 0.2 (VDD – VEE) + VEE
V
Input signal amplitude
VIN
VEE to VDD
VP-P
Input pulse width
tøW
1 min
µs
setup time
tset up
1 min
µs
Hold time
thold
1 min
µs
Operating frequency
fopg
up to 330
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com