Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33886 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 33886
Description  5.0 A H-Bridge
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33886 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 33886 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33886 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
33886
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
POWER OUTPUTS (OUT1, OUT2)
Output-ON Resistance (14)
5.0 V
≤ V+ ≤ 28 V, T
J = 25°C
8.0 V
≤ V+ ≤ 28 V, T
J = 150°C
5.0 V
≤ V+ ≤ 8.0 V, T
J = 150°C
RDS(ON)
–
–
–
120
–
–
–
225
300
m
Ω
Active Current Limiting Threshold (via Internal Constant OFF-Time
PWM) (15)
ILIM
5.2
6.5
7.8
A
High-Side Short Circuit Detection Threshold
ISCH
11
–
–
A
Low-Side Short Circuit Detection Threshold
ISCL
8.0
–
–
A
Leakage Current (16)
VOUT = V+
VOUT = GND
IOUT(leak)
–
–
100
30
200
60
µA
Output FET Body Diode Forward Voltage Drop (17)
IOUT = 3.0 A
VF
–
–
2.0
V
Switch-OFF
Thermal Shutdown
Hysteresis
TLIM
THYS
175
–
–
15
–
–
°C
FAULT STATUS (18)
Fault Status Leakage Current (19)
VFS = 5.0 V
IFS(leak)
–
–
10
µA
Fault Status Set Voltage (20)
IFS = 300 µA
VFS(LOW)
–
–
1.0
V
Notes
14.
Output-ON resistance as measured from output to V+ and ground.
15.
Product with date codes of December 2002, week 51, will exhibit the values indicated in this table. Product with earlier date codes may
exhibit a minimum of 6.0 A and a maximum of 8.5 A.
16.
Outputs switched OFF with D1 or D2.
17.
Parameter is guaranteed by design but not production tested.
18.
Fault Status output is an open drain output requiring a pull-up resistor to 5.0 V.
19.
Fault Status Leakage Current is measured with Fault Status High and not set.
20.
Fault Status Set Voltage is measured with Fault Status Low and set with IFS = 300 µA.
Table 3. Static Electrical Characteristics
Characteristics noted under conditions 5.0 V ≤ V+ ≤ 28 V and -40
°C ≤ T
A ≤ 125°C unless otherwise noted. Typical values noted
reflect the approximate parameter mean at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com