Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33894 Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # 33894
Description  Quad High-Side Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33894 Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button 33894 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33894 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33894 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33894 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33894 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33894 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33894 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33894 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33894 Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
Analog Integrated Circuit Device Data
20
Freescale Semiconductor
33894
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
DEVICE REGISTER ADDRESSING
The following section describes the possible register
addresses and their impact on device operation.
ADDRESS XX000—STATUS REGISTER (STATR)
The STATR register is used to read the device status and
the various configuration register contents without disrupting
the device operation or the register contents. The register bits
D4:D0 determine the content of the first sixteen bits of SO
data. In addition to the device status, this feature provides the
ability to read the content of the OCR0, OCR1, SOCHLR,
CDTOLR, DICR, UOVR, WDR, and NAR registers. (Refer to
the section entitled Serial Output Communication (Device
Status Return Data) beginning on page 22.)
ADDRESS X0001—OUTPUT CONTROL REGISTER
(OCR0)
The OCR0 register allows the MCU to control the ON/OFF
state of four outputs through the SPI. Incoming message bit
D3:D0 reflects the desired states of the four high-side
outputs (INx_SPI), respectively. A logic [1] enables the
corresponding output switch and a logic [0] turns it OFF.
ADDRESS X1001—OUTPUT CONTROL REGISTER
(OCR1)
Incoming message bits D3:D0 reflect the desired output
that will be mirrored on the Current Sense (CSNS) pin. A
logic [1] on message bits D3:D0 enables the CSNS pin for
outputs HS3:HS0, respectively. In the event the current
sense is enabled for multiple outputs, the current will be
summed. In the event that bits D3:D0 are all logic [0], the
output CSNS will be tri-stated. This is useful when several
CSNS pins of several devices share the same A/D converter.
ADDRESS A1A0010—SELECT OVERCURRENT
HIGH AND LOW REGISTER (SOCHLR_S)
The SOCHLR_s register allows the MCU to configure the
output overcurrent low and high detection levels,
respectively. Each output “s” is independently selected for
configuration based on the state of the D12:D11 bits
(Table 9).
Each output can be configured to different levels. In
addition to protecting the device, this slow blow fuse
emulation feature can be used to optimize the load
requirements matching system characteristics. Bits D2:D0
set the overcurrent low detection level to one of eight possible
levels, as shown in Table 10, page 21. Bit D3 sets the
overcurrent high detection level to one of two levels, as
outlined in Table 11, page 21.
Table 8. Serial Input Address and Configuration Bit Map
SI Register
SI Data
D15
D14 D13 D12 D11 D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
STATR
WDIN
x
x
x
x
0
0
0
x
x
x
SOA4
SOA3
SOA2
SOA1
SOA0
OCR0
WDIN
x
x
x
0
0
0
1
x
x
x
x
IN3_SPI
IN2_SPI
IN1_SPI
IN0_SPI
OCR1
WDIN
x
x
x
1
0
0
1
x
x
x
x
CSNS3 EN
CSNS2 EN
CSNS1 EN CSNS0 EN
SOCHLR_s
WDIN
x
x
A1
A0
0
1
0
x
x
x
x
SOCH_s
SOCL2_s
SOCL1_s
SOCL0_s
CDTOLR_s
WDIN
x
x
A1
A0
0
1
1
x
x
x
x
OL_DIS_s
OCL_DIS_s
OCLT1_s
OCLT0_s
DICR_s
WDIN
x
x
A1
A0
1
0
0
x
x
x
x
FAST_SR_s CSNS_high_
s
DIR_DIS_s
A/O_s
UOVR
WDIN
x
x
x
0
1
0
1
x
x
x
x
x
x
UV_DIS
OV_DIS
WDR
WDIN
x
x
x
1
1
0
1
x
x
x
x
x
x
WD1
WD0
NAR
WDIN
x
x
x
x
1
1
0
x
x
x
x
No Action (Allow Toggling of D15–WDIN)
TEST
WDIN
x
x
x
x
1
1
1
x
x
x
x
Freescale Internal Use (Test)
x=Don’t care.
s=Output selection with the bits A1A0 as defined in Table 9.
Table 9. Output Selection
A1 (D12)
A0 (D11)
HS_s
0
0
HS0
0
1
HS1
1
0
HS2
1
1
HS3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com