Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33981 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # 33981
Description  Single High Side Switch
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33981 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  33981_09 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33981_09 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33981_09 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33981_09 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33981_09 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33981_09 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33981_09 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33981_09 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33981_09 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
33981
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 2. Maximum Ratings
All voltages are with respect to ground unless otherwise noted.
Rating
Symbol
Value
Unit
ELECTRICAL RATINGS
Power Supply Voltage
Steady-state
VPWR
-16 to 41
V
Input/Output Pins Voltage(1)
INHS, INLS,
CONF, CSNS, FS,
TEMP, EN
-0.3 to 7.0
V
Output Voltage
Positive
Negative
VOUT
41.0
-5.0
V
Continuous Output Current(2)
IOUT
40.0
A
CSNS Input Clamp Current
ICL(CSNS)
15.0
mA
EN Input Clamp Current
ICL(EN)
2.5
mA
SR Voltage
VSR
-0.3 to 54.0
V
CBOOT Voltage
CBOOT
-0.3 to 54.0
V
OCLS Voltage
VOCLS
-5.0 to 7.0
V
Low Side Gate Voltage
VGLS
-0.3 to 15.0
V
Low Side Drain Voltage
VDLS
-5.0 to 41.0
V
ESD Voltage(3)
Human Body Model (HBM)
Charge Device Model (CDM)
Corner Pins (1, 12, 15, 16)
All Other Pins (2-11, 13-14)
VESD
±2000
±750
±500
V
THERMAL RATINGS
Operating Temperature
Ambient
Junction
TA
TJ
-40 to 125
-40 to 150
°C
Storage Temperature
TSTG
-55 to 150
°C
Thermal Resistance(4)
Junction to Power Die Case
Junction to Ambient
RθJC
RθJA
1.0
30.0
°C/W
Peak Package Reflow Temperature During Reflow(5), (6)
TPPRT
Note 6
°C
Notes
1.
Exceeding voltage limits on INHS, INLS, CONF, CSNS, FS, TEMP, and EN pins may cause a malfunction or permanent damage to the
device.
2.
Continuous high side output rating as long as maximum junction temperature is not exceeded. Calculation of maximum output current
using package thermal resistance is required.
3.
ESD testing is performed in accordance with the Human Body Model (HBM) (CZAP = 100 pF, RZAP = 1500 Ω) and the Charge Device
Model (CDM), Robotic (CZAP = 4.0 pF).
4.
Device mounted on a 2s2p test board per JEDEC JESD51-2.
5.
Pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
6.
Freescale’s Package Reflow capability meets Pb-free requirements for JEDEC standard J-STD-020C. For Peak Package Reflow
Temperature and Moisture Sensitivity Levels (MSL), Go to www.freescale.com, search by part number [e.g. remove prefixes/suffixes
and enter the core ID to view all orderable parts. (i.e. MC33xxxD enter 33xxx), and review parametrics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com