Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY4606 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # CY4606
Description  EZ-USB HX2LP??Low Power USB 2.0 Hub Controller Family
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY4606 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button CY4606 Datasheet HTML 9Page - Cypress Semiconductor CY4606 Datasheet HTML 10Page - Cypress Semiconductor CY4606 Datasheet HTML 11Page - Cypress Semiconductor CY4606 Datasheet HTML 12Page - Cypress Semiconductor CY4606 Datasheet HTML 13Page - Cypress Semiconductor CY4606 Datasheet HTML 14Page - Cypress Semiconductor CY4606 Datasheet HTML 15Page - Cypress Semiconductor CY4606 Datasheet HTML 16Page - Cypress Semiconductor CY4606 Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
CY7C656xx
Document Number: 38-08037 Rev. *S
Page 13 of 28
Configuration Options
Systems using CY7C656xx have the option of using a fuse
ROM, which is preset at the factory to configure the hub.
Otherwise, it must have an external EEPROM for the device to
have a unique VID, PID, and DID. The CY7C656xx can
communicate with SPI EEPROM that are either double byte
addressed or single byte with the ninth bit within the instruction
byte, such as the 24LC040 parts use. The 25LC080 EEPROM
uses the double byte address format. Therefore, the CY7C656xx
can communicate with these parts. The '010s and '020s use the
same command format that is used to interface with the ‘040 and
hence these can also be used to interface with the CY7C656xx.
If the attached EEPROM is blank (0xFF) the hub enumerates as
a vendor class device. In this configuration, the hub connects to
the Cypress driver to allow programming of the EEPROM. When
the EEPROM is programmed, a power cycle configures the chip
as a hub class device.
0xD0 Load
With this EEPROM format, only a unique VID, PID, and DID must
be present in the external SPI EEPROM. The contents of the
EEPROM must contain this information in the following format:
0xD2 Load
Byte 0: 0xD2
Needs to be programmed with 0xD2
Byte 1: VID (LSB)
Least significant byte of vendor ID
Byte 2: VID (MSB)
Most significant byte of vendor ID
Byte 3: PID (LSB)
Least significant byte of product ID
Byte 4: PID (MSB)]
Most significant byte of product ID
Byte 5: Reserved
Reserved
Byte 6: DID (MSB)]
Most significant byte of device ID
Byte 7: EnabledOvercurrentTimer[3:0],
DisabledOvercurrentTimer[3:0]
Count time in ms for filtering overcurrent detection. Bits 7–4
are for an enabled port, and bits 3–0 are for a disabled port.
Both range from 0 ms to 15 ms. See section Port Indicators
on page 6. Default: 8 ms = 0x88.
Byte 8: ActivePorts[3:0], RemovablePorts[3:0]
Bits 7–4 are the ActivePorts[3:0] bits that indicates if the
corresponding port is usable. For example, a two-port hub
that uses ports 1 and 4 would set this field to 0x09. The total
number of ports reported in the Hub Descriptor: bNbrPorts
field
is
calculated
from
this.
Bits
3–0
are
the
RemovablePorts[3:0]
bits
that
indicates
whether
the
corresponding logical port is removable (set to high). Logical
port numbers are from 1 to n where n is the total number of
active ports. If port 2 is disabled then physical ports 1, 3, and
4 map to logical ports 1, 2, and 3. These bit values are
reported
appropriately
in
the
HubDescriptor:DeviceRemovable field. Default: 0xFF.
Byte 9: MaximumPower
This value is reported in the
ConfigurationDescriptor:bMaxPower field and is the current
in 2 mA increments that is required from the upstream hub.
Default: 0x28 = 80 mA for full speed and 0x57 = 174 mA for
high speed.
Byte 10: HubControllerPower
This value is reported in the
HubDescriptor:bHubContrCurrent field and is the current in
milliamperes required by the hub controller.
Default: 0x50 = 80 mA for full speed and 0xAE = 174 mA for
high speed.
Byte 11: PowerOnTimer
This value is reported in the
HubDescriptor:bPwrOn2PwrGood field and is the time in
2 ms intervals from the SetPortPower command until the
power on the corresponding downstream port is good.
Default: 0x32 = 100 ms.
Byte
Value
0
0xD0
1
VID (LSB)
2
VID (MSB)
3
PID (LSB)
4
PID (MSB)
5
reserved
6
DID (MSB)
Byte
Value (MSB
LSB)
0
0xD2
1VID (LSB)
2
VID (MSB)
3PID (LSB)
4
PID (MSB)
5
reserved
6
DID (MSB)
7
EnabledOverCurrentTimer[3:0],
DisableOvercurrentTimer[3:0]
8
ActivePorts[3:0], RemovablePorts[3:0]
9MaxPower
10
HubControllerPower
11
PowerOnTimer
12
IllegalHubDescriptor, CompoundDevice,
FullspeedOnly, NoPortIndicators, Reserved,
GangPowered, Reserved, Reserved
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com