Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34825 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # 34825
Description  Micro-USB Interface IC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34825 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button 34825_10 Datasheet HTML 17Page - Freescale Semiconductor, Inc 34825_10 Datasheet HTML 18Page - Freescale Semiconductor, Inc 34825_10 Datasheet HTML 19Page - Freescale Semiconductor, Inc 34825_10 Datasheet HTML 20Page - Freescale Semiconductor, Inc 34825_10 Datasheet HTML 21Page - Freescale Semiconductor, Inc 34825_10 Datasheet HTML 22Page - Freescale Semiconductor, Inc 34825_10 Datasheet HTML 23Page - Freescale Semiconductor, Inc 34825_10 Datasheet HTML 24Page - Freescale Semiconductor, Inc 34825_10 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
21
34825
FUNCTIONAL DEVICE OPERATION
OPERATION AFTER IDENTIFICATION
OPERATION AFTER IDENTIFICATION
The operation after the identification is dependent on the
VDDIO voltage. The VDD voltage has to be higher than its
POR threshold for the 34825 to perform the identification
state machine. Once completed, the identification results are
stored in the Status and the ADC Result registers and the
ATTACH bit is set. If the VDDIO is not powered, the interrupt
signal from the INT pin cannot be sent because the INT pin is
normally pulled up to the VDDIO. The host cannot access the
34825 either via the I2C bus. Hence, no communication will
occur between the 34825 and the host IC when the VDDIO is
not powered. The INT signal will send an interrupt signal if the
VDDIO is powered and the ATTACH bit is not masked by the
ATTACH_m bit (refer to Interrupt on page 25 for more
details). If the ATTACH bit is masked while the VDDIO is
powered, the interrupt signal will not be sent but the host IC
can still access the register map via the I2C bus. Once the
host IC accesses the 34825 register map and determines the
accessory type, it can manage the analog switches and other
signals in the 34825 by programming the S/W Control 1 and
S/W Control 2 registers.
The switches are open by default except if the attached
accessory is one of the four test cables listed in Table 21.
More descriptions on the analog switches and the operation
of the 34825 are given in the following sections.
ANALOG SWITCHES
SIGNAL SWITCH ARRAY
The 34825 offers an array of analog switches for signal
switching, as shown in Figure 15. Two pairs of switches (USB
and UART) are for switching the UART and USB signals to
the micro or mini-USB connector. Stereo audio signals can
be switched from the SPK_L and the SPK_R inputs to the DP
and the DM pins that are wired to the USB connector. Both
the SPK_L and the SPK_R inputs are capable of passing
signals of +/-1.5 V, referencing to the GND pin voltage. The
SPK_L and the SPK_R pins are pulled down to ground via a
100 k
Ω resistor respectively, as shown in Figure 15. A
microphone switch connects the MIC pin to the VBUS pin.
All switches are controlled by bits in the S/W Control 1 and
2 registers except when the accessory attached is a test
cable.
Figure 15. Analog and Digital Switches
POWER MOSFET
The SW8 in Figure 15 is a power MOSFET that controls
the power flow from the VBUS input to the OUT pin. The
power MOSFET serves two purposes. For the Audio
accessory with microphone, the power MOSFET isolates the
SPK_R
SPK_L
MIC
DP
DM
VBUS
RXD
TXD
D+
D-
SW2
SW1
SW3
SW4
SW6
SW7
SW5
OUT
SW8
SW9
SW10
ISET
Gate
Drive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com