Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CFSH2-4L Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CFSH2-4L
Description  SURFACE MOUNT SILICON SCHOTTKY DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CFSH2-4L Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CFSH2-4L Datasheet HTML 1Page - Central Semiconductor Corp CFSH2-4L Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CFSH2-4L
SURFACE MOUNT
SILICON SCHOTTKY DIODE
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CFSH2-4L is a
high quality Schottky Diode designed for applications
where ultra small size and power dissipation are prime
requirements. Packaged in a Tiny Leadless Package™
(TLP™), this component provides performance
characteristics suitable for the most demanding size
constrained applications.
MARKING CODE: N
FEATURES:
• Device is Halogen Free by design
• Current (IO=200mA)
• Low Forward Voltage Drop (VF=0.53V TYP @ 200mA)
• Low Reverse Current (350nA TYP @ 40V)
• Small TLP™, 1mm x 0.6mm x 0.4mm, ultra low profile,
Leadless Surface Mount package.
APPLICATIONS:
• DC / DC Converters
• Voltage Clamping
• Protection Circuits
• Battery powered devices including
Cell Phones, Digital Cameras, Pagers,
PDAs, Laptop Computers, etc.
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Peak Repetitive Reverse Voltage
VRRM
40
V
Average Forward Current
IO
200
mA
Peak Forward Surge Current, tp=8.3ms
IFSM
1.0
A
Power Dissipation
PD
100
mW
Operating Junction Temperature
TJ
-65 to +125
°C
Storage Temperature
Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
1000
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IR
VR=10V
0.08
1.0
μA
IR
VR=40V
0.35
2.0
μA
BVR
IR=10μA
40
V
VF
IF=10mA
0.33
0.45
V
VF
IF=100mA
0.52
V
VF
IF=200mA
0.53
0.60
V
CT
VR= 4.0V, f=1.0MHz
7.0
10
pF
trr
IF=IR=10mA, Irr=1.0mA, RL=100Ω
5.0
ns
SOD-882L CASE
R3 (10-December 2010)
www.centra lsemi.com


Similar Part No. - CFSH2-4L

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CFSH2-4L CENTRAL-CFSH2-4L_15 Datasheet
506Kb / 2P
SURFACE MOUNT SILICON SCHOTTKY DIODE
More results

Similar Description - CFSH2-4L

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMASH-4 CENTRAL-CMASH-4 Datasheet
187Kb / 2P
SURFACE MOUNT SILICON SCHOTTKY DIODE
CMASH-4 CENTRAL-CMASH-4_10 Datasheet
346Kb / 2P
SURFACE MOUNT SILICON SCHOTTKY DIODE
CTLSH01-30 CENTRAL-CTLSH01-30 Datasheet
502Kb / 2P
SURFACE MOUNT SILICON SCHOTTKY DIODE
CMOSH-3 CENTRAL-CMOSH-3_12 Datasheet
493Kb / 2P
SURFACE MOUNT SILICON SCHOTTKY DIODE
CFSH01-30L CENTRAL-CFSH01-30L_15 Datasheet
837Kb / 4P
SURFACE MOUNT SILICON SCHOTTKY DIODE
CFSH-4 CENTRAL-CFSH-4_15 Datasheet
507Kb / 2P
SURFACE MOUNT SILICON SCHOTTKY DIODE
CTLSH05-40M621 CENTRAL-CTLSH05-40M621_15 Datasheet
619Kb / 2P
SURFACE MOUNT SILICON SCHOTTKY DIODE
CMDSH-3 CENTRAL-CMDSH-3_15 Datasheet
436Kb / 2P
SURFACE MOUNT SILICON SCHOTTKY DIODE
CMDSH-4E CENTRAL-CMDSH-4E_15 Datasheet
373Kb / 2P
SURFACE MOUNT SILICON SCHOTTKY DIODE
CFSH01-30 CENTRAL-CFSH01-30_V01 Datasheet
898Kb / 5P
SURFACE MOUNT SILICON SCHOTTKY DIODE
29-September 2015
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com