Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS18380 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # HS18380
Description  180 Amp Schottky Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

HS18380 Datasheet(HTML) 1 Page - Microsemi Corporation

  HS18380 Datasheet HTML 1Page - Microsemi Corporation HS18380 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ROHS Compliant
*Pulse test: Pulse width 300µsec, Duty cycle 2%
Thermal and Mechanical Characteristics
Electrical Characteristics
2 Amps
180 Amp Schottky Rectifier
HS18380-HS183100
180 Amps
2500 Amps
0.91 Volts
100mA
5mA
4800pF
Storage temp range
Max thermal resistance
Operating junction temp range
Weight
Maximum repetitive reverse current
Average forward current
Max peak forward voltage
Maximum surge current
Max peak reverse current
Max peak reverse current
Typical junction capacitance
Terminal Torque
Mounting Base Torque
TSTG
OJC
R
TJ
FSM
R(OV)
RM
RM
CJ
I
VFM
I
I
F(AV)
I
I
H
J
G
Working Peak
Reverse Voltage
80V
90V
100V
A
Microsemi
Catalog Number
HS183100*
HS18380*
HS18390*
E
K
Reverse Voltage
Repetitive Peak
L
80V
90V
100V
F
C
D
B
C = 116°C, Square wave,
0JC = 0.32°C/W
R = 5.0V,
J = 25°C, f = 1MHz
junction to case
-55°C to 175°C
1.1 ounces (32 grams) typical
f = 1 KHZ, 1µs square wave, J = 25°C
RRM,
J = 125°C*
RRM,
J = 25°C
T
8.3ms, half sine,
J = 175°C
FM = 180A:
J = 25°C*
-55°C to 175°C
35-40 inch pounds
20-25 inch pounds
0.32°C/W
V
V
I
V
T
T
T
T
T
R
T
Notes
38.61
39.62
A
1.56
.130
.160
.160
1.192
.625
.505
1/4-20 UNC-2B
.755
.775
.555
Reverse Energy Tested
180 Amperes/80 to 100 Volts
Guard Ring Protection
Schottky Barrier Rectifier
175°C Junction Temperature
L
J
K
H
F
G
E
C
D
B
.120
.495
.545
.156
.745
.152
1.182
.605
.725
3.05
12.57
3.96
13.84
3.86
18.92
30.02
15.37
18.42
3.30
12.83
4.06
14.10
Dia.
19.18
4.06
30.28
15.88
19.69
Dia.
Sq.
Maximum
Dim. Inches
Minimum
1.52
Minimum
Millimeter
Maximum
Std. Polarity
Base is cathode
Rev. Polarity
Base is anode
*Add suffix R for Reverse Polarity
Typical thermal resistance (greased)
OCS
R
case to sink
0.12°C/W
Part Number
183NQ080
Idustry
MBR20080
183NQ100
MBR200100
January, 2010 - Rev. 4
www.microsemi.com


Similar Part No. - HS18380

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
HS18380 MICROSEMI-HS18380 Datasheet
117Kb / 2P
180 Amp Schottky Rectifier
HS18380 MICROSEMI-HS18380_11 Datasheet
117Kb / 2P
180 Amp Schottky Rectifier
More results

Similar Description - HS18380

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
HS18230 MICROSEMI-HS18230 Datasheet
126Kb / 2P
180 Amp Schottky Rectifier
HS18035 MICROSEMI-HS18035 Datasheet
134Kb / 2P
180 AMP SCHOTTKY RECTIFIER
HS18135 MICROSEMI-HS18135 Datasheet
131Kb / 2P
180 Amp Schottky OR,ing Rectifier
logo
Vishay Siliconix
180NQ045PBF VISHAY-180NQ045PBF Datasheet
114Kb / 6P
Schottky Rectifier, 180 A
28-Apr-08
183NQ100PBF VISHAY-183NQ100PBF Datasheet
112Kb / 6P
Schottky Rectifier, 180 A
06-May-08
logo
Microsemi Corporation
HS18035 MICROSEMI-HS18035_11 Datasheet
118Kb / 2P
180 Amp Schottky Rectifier
HS18135 MICROSEMI-HS18135_11 Datasheet
117Kb / 2P
180 Amp Schottky Rectifier
HS18230 MICROSEMI-HS18230_11 Datasheet
118Kb / 2P
180 Amp Schottky Rectifier
HS18380 MICROSEMI-HS18380_11 Datasheet
117Kb / 2P
180 Amp Schottky Rectifier
HS18515 MICROSEMI-HS18515_11 Datasheet
118Kb / 2P
180 Amp Schottky ORing Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com