Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N918UB Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 2N918UB
Description  NPN LOW POWER SILICON TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N918UB Datasheet(HTML) 2 Page - Microsemi Corporation

  2N918UB Datasheet HTML 1Page - Microsemi Corporation 2N918UB Datasheet HTML 2Page - Microsemi Corporation 2N918UB Datasheet HTML 3Page - Microsemi Corporation 2N918UB Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
Gort Road Business Park, Ennis, Co. Clare, Ireland
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298
Website: http://www.microsemi.com
T4-LDS-0010 Rev. 3 (101342)
Page 2 of 4
DYNAMIC CHARACTERISTICS
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
Magnitude of Small-Signal Short-Circuit - Forward Current Transfer Ratio
IC = 4mAdc, VCE = 10Vdc, f = 100MHz
|hfe|
6.0
18
Output Capacitance
VCB = 0Vdc, IE = 0, 100kHz ≤ f ≤ 1.0MHz
VCB = 10Vdc, IE = 0, 100kHz ≤ f ≤ 1.0MHz
Cobo1
Cobo2
3.0
1.7
pF
Input Capacitance
VEB = 0.5Vdc, IC = 0, 100kHz ≤ f ≤ 1.0MHz
Cibo
2.0
pF
Noise Figure (1)
VCE = 6V, IC = 1.0mA, f = 60MHz
gs = 2.5mmho
NF
6.0
dB
Small-Signal Power Gain (1)
VCB = 12V, IC = 6.0mA, f = 200MHz
Gpe
15
dB
Collector-Base Time Constant (1)
VCB = 10V, IE = -4.0mA, f = 79.8MHz
Rb’CC
25
ps
Oscillator Power Output (1)
VCB = 1.5V, IC = 8.0mA, f ≥ 500MHz
Po
30
mW
Collector Efficiency
VCB = 15V, IC = 8.0mA, f > 500MHz
n
25
%
NOTES:
(1) For more detail see MIL-PRF-19500/301



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com