Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N5339 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 2N5339
Description  NPN POWER SILICON SWITCHING TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N5339 Datasheet(HTML) 1 Page - Microsemi Corporation

  2N5339 Datasheet HTML 1Page - Microsemi Corporation 2N5339 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
NPN POWER SILICON SWITCHING TRANSISTOR
Qualified per MIL-PRF-19500/560
T4-LDS-0011 Rev. 2 (080693)
Page 1 of 2
DEVICES
LEVELS
2N5339
2N5339U3
JAN
JANTX
JANTXV
JANS
ABSOLUTE MAXIMUM RATINGS (TC = +25°C unless otherwise noted)
Parameters / Test Conditions
Symbol
Value
Unit
Collector-Emitter Voltage
VCEO
100
Vdc
Collector-Base Voltage
VCBO
100
Vdc
Emitter-Base Voltage
VEBO
6.0
Vdc
Base Current
IB
1.0
Adc
Collector Current
IC
5.0
Adc
Total Power Dissipation
@ TA = +25°C
(1)
@ TC = +25°C
(2)
@ TC = +25°C
(3) – U3
PT
1.0
17.5
75
W
Operating & Storage Junction Temperature Range
Top , Tstg
-65 to +200
°C
Thermal Resistance, Junction-to Air
RθJA
175
°C/W
1)
Derate linearly 5.71mW/°C for TA > 25°C
2)
Derate linearly 100mW/°C for TC > 25°C
3)
Derate linearly 434mW/°C for TC > 25°C – U3
ELECTRICAL CHARACTERISTICS (TA = +25°C, unless otherwise noted)
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage
IC = 50mAdc
V(BR)CEO
100
Vdc
Collector-Emitter Cutoff Current
VCE = 100Vdc
ICEO
100
µAdc
Collector-Emitter Cutoff Current
VCE = 90Vdc, VBE = 1.5Vdc
ICEX
1.0
µAdc
Collector-Base Cutoff Current
VCB = 100Vdc
ICBO
1.0
µAdc
Emitter-Base Cutoff Current
VEB = 6.0Vdc
IEBO
100
µAdc
TO-39
(TO-205AD)
U-3
(TO-276AA)


Similar Part No. - 2N5339

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2N5339 SEMICOA-2N5339 Datasheet
33Kb / 1P
Chip Type 2C5154 Geometry 9201 Polarity NPN
logo
Central Semiconductor C...
2N5339 CENTRAL-2N5339 Datasheet
91Kb / 1P
NPN SILICON TRANSISTOR
logo
Solid States Devices, I...
2N5339 SSDI-2N5339 Datasheet
282Kb / 6P
5 AMP HIGH SPEED NPN TRANSISTOR 100 VOLTS
logo
Central Semiconductor C...
2N5339 CENTRAL-2N5339 Datasheet
56Kb / 1P
Small Signal Transistors
logo
List of Unclassifed Man...
2N5339 ETC-2N5339 Datasheet
347Kb / 8P
Power Transistors
More results

Similar Description - 2N5339

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FCX1051A ZETEX-FCX1051A Datasheet
49Kb / 3P
NPN SILICON POWER (SWITCHING) TRANSISTOR
FCX617 ZETEX-FCX617 Datasheet
82Kb / 3P
NPN SILICON POWER (SWITCHING) TRANSISTOR
FCX690B ZETEX-FCX690B Datasheet
83Kb / 3P
NPN SILICON POWER (SWITCHING) TRANSISTOR
ZUMT617 ZETEX-ZUMT617 Datasheet
128Kb / 3P
NPN SILICON POWER (SWITCHING) TRANSISTOR
ZUMT619 ZETEX-ZUMT619 Datasheet
123Kb / 3P
NPN SILICON POWER (SWITCHING) TRANSISTOR
logo
Microsemi Corporation
2N3996 MICROSEMI-2N3996 Datasheet
65Kb / 2P
NPN POWER SWITCHING SILICON TRANSISTOR
2N5339 MICROSEMI-2N5339 Datasheet
56Kb / 2P
NPN POWER SILICON SWITCHING TRANSISTOR
logo
Guangdong Kexin Industr...
FCX1051A KEXIN-FCX1051A Datasheet
52Kb / 2P
NPN Silicon Power Switching Transistor
logo
Seme LAB
2N5667N1 SEME-LAB-2N5667N1 Datasheet
347Kb / 3P
NPN POWER SILICON SWITCHING TRANSISTOR
logo
TT Electronics.
BUX45X TTELEC-BUX45X Datasheet
203Kb / 3P
SILICON NPN POWER SWITCHING TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com