Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CJD210 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CJD210
Description  SURFACE MOUNT COMPLEMENTARY SILICON POWER TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CJD210 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CJD210 Datasheet HTML 1Page - Central Semiconductor Corp CJD210 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CJD200 NPN
CJD210 PNP
SURFACE MOUNT
COMPLEMENTARY SILICON
POWER TRANSISTORS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CJD200, CJD210
types are Complementary Silicon Power Transistors
manufactured in a surface mount package designed for
high current amplifier applications.
MARKING: FULL PART NUMBER
MAXIMUM RATINGS: (TC=25°C unless otherwise noted)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
40
V
Collector-Emitter Voltage
VCEO
25
V
Emitter-Base Voltage
VEBO
8.0
V
Continuous Collector Current
IC
5.0
A
Peak Collector Current
ICM
10
A
Continuous Base Current
IB
1.0
A
Power Dissipation
PD
12.5
W
Power Dissipation (TA=25°C)
PD
1.4
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJC
10
°C/W
Thermal Resistance
ΘJA
89.3
°C/W
ELECTRICAL CHARACTERISTICS: (TC=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICBO
VCB=40V
100
nA
ICBO
VCB=40V, TC=125°C
100
µA
IEBO
VEB=8.0V
100
nA
BVCEO
IC=10mA
25
V
VCE(SAT)
IC=500mA, IB=50mA
0.3
V
VCE(SAT)
IC=2.0A, IB=200mA
0.75
V
VCE(SAT)
IC=5.0A, IB=1.0A
1.8
V
VBE(SAT)
IC=5.0A, IB=1.0A
2.5
V
VBE(ON)
VCE=1.0V, IC=2.0A
1.6
V
hFE
VCE=1.0V, IC=500mA
70
hFE
VCE=1.0V, IC=2.0A
45
180
hFE
VCE=2.0V, IC=5.0A
10
fT
VCE=10V, IC=100mA, f=10MHz
65
MHz
Cob
VCB=10V, IE=0, f=0.1MHz (CJD200)
80
pF
Cob
VCB=10V, IE=0, f=0.1MHz (CJD210)
120
pF
DPAK TRANSISTOR CASE
R2 (4-January 2010)
www.centra lsemi.com


Similar Part No. - CJD210

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CJD210 CENTRAL-CJD210 Datasheet
486Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTOR
More results

Similar Description - CJD210

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPTA06 CENTRAL-CMPTA06 Datasheet
121Kb / 2P
SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
CJD31C CENTRAL-CJD31C_10 Datasheet
425Kb / 2P
SURFACE MOUNT COMPLEMENTARY SILICON POWER TRANSISTORS
CJD41C CENTRAL-CJD41C_10 Datasheet
425Kb / 2P
SURFACE MOUNT COMPLEMENTARY SILICON POWER TRANSISTORS
CJD44H11 CENTRAL-CJD44H11_10 Datasheet
425Kb / 2P
SURFACE MOUNT COMPLEMENTARY SILICON POWER TRANSISTORS
CJD340 CENTRAL-CJD340_10 Datasheet
424Kb / 2P
SURFACE MOUNT COMPLEMENTARY SILICON POWER TRANSISTORS
CJD2955 CENTRAL-CJD2955_10 Datasheet
425Kb / 2P
SURFACE MOUNT COMPLEMENTARY SILICON POWER TRANSISTORS
CZT31C CENTRAL-CZT31C Datasheet
602Kb / 2P
SURFACE MOUNT COMPLEMENTARY SILICON POWER TRANSISTORS
CZT2955 CENTRAL-CZT2955_10 Datasheet
604Kb / 2P
SURFACE MOUNT COMPLEMENTARY SILICON POWER TRANSISTORS
CZT31C CENTRAL-CZT31C_15 Datasheet
602Kb / 2P
SURFACE MOUNT COMPLEMENTARY SILICON POWER TRANSISTORS
CZT2955 CENTRAL-CZT2955_15 Datasheet
604Kb / 2P
SURFACE MOUNT COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com