Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N2906AL Datasheet(PDF) 4 Page - Microsemi Corporation

Part # 2N2906AL
Description  RADIATION HARDENED
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N2906AL Datasheet(HTML) 4 Page - Microsemi Corporation

  2N2906AL Datasheet HTML 1Page - Microsemi Corporation 2N2906AL Datasheet HTML 2Page - Microsemi Corporation 2N2906AL Datasheet HTML 3Page - Microsemi Corporation 2N2906AL Datasheet HTML 4Page - Microsemi Corporation 2N2906AL Datasheet HTML 5Page - Microsemi Corporation 2N2906AL Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
T4-LDS-0055 Rev. 4 (100247)
Page 4 of 6
NOTES:
Dimensions
1. Dimensions are in inches.
Symbol
Inches
Millimeters
Note
2. Millimeters are given for general information only.
Min
Max
Min
Max
3. Dimension CH controls the overall package thickness. When a
BL
.215
.225
5.46
5.71
window lid is used, dimension CH must increase by a minimum of
BL2
.225
5.71
.010 inch (0.254 mm) and a maximum of .040 inch (1.020 mm).
BW
.145
.155
3.68
3.93
4. The corner shape (square, notch, radius) may vary at the
BW2
.155
3.93
manufacturer's option, from that shown on the drawing.
CH
.061
.075
1.55
1.90
3
5. Dimensions LW2 minimum and L3 minimum and the appropriate
L3
.003
.007
0.08
0.18
5
castellation length define an unobstructed three-dimensional space
LH
.029
.042
0.74
1.07
traversing all of the ceramic layers in which a castellation was
LL1
.032
.048
0.81
1.22
designed. (Castellations are required on the bottom two layers,
LL2
.072
.088
1.83
2.23
optional on the top ceramic layer.) Dimension “LW2” maximum and
LS
.045
.055
1.14
1.39
“L3” maximum define the maximum width and depth of the
LW
.022
.028
0.56
0.71
castellation at any point on its surface. Measurement of these
LW2
.006
.022
0.15
0.56
5
dimensions may be made prior to solder dipping.
6. The co-planarity deviation of all terminal contact points, as defined
by the device seating plane, shall not exceed .006 inch (0.15mm) for
Pin no.
1
2
3
4
solder dipped leadless chip carriers.
Transistor
Collector
Emitter
Base
N/C
7. In accordance with ASME Y14.5M, diameters are equivalent to
φx
symbology.
FIGURE 2. Physical dimensions, surface mount (UA version)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com