Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3500 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 2N3500
Description  RADIATION HARDENED
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N3500 Datasheet(HTML) 2 Page - Microsemi Corporation

  2N3500 Datasheet HTML 1Page - Microsemi Corporation 2N3500 Datasheet HTML 2Page - Microsemi Corporation 2N3500 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
RADIATION HARDENED
NPN SILICON SWITCHING TRANSISTOR
Qualified per MIL-PRF-19500/366
T4-LDS-0056 Rev. 1 (080812)
Page 2 of 3
ELECTRICAL CHARACTERISTICS (TA = +25°C, unless otherwise noted)
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
OFF CHARACTERISTICS
Emitter-Base Cutoff Current
VEB = 4.0Vdc
VEB = 6.0Vdc
IEBO
25
10
ηAdc
μAdc
ON CHARACTERISTICS
(3)
Forward-Current Transfer Ratio
IC = 0.1mAdc, VCE = 10Vdc
2N3498, 2N3500
2N3499, 2N3501
20
35
IC = 1.0mAdc, VCE = 10Vdc
2N3498, 2N3500
2N3499, 2N3501
25
50
IC = 10mAdc, VCE = 10Vdc
2N3498, 2N3500
2N3499, 2N3501
35
75
IC = 150mAdc, VCE = 10Vdc
2N3498, 2N3500
2N3499, 2N3501
40
100
120
300
IC = 300mAdc, VCE = 10Vdc
2N3500
2N3501
15
20
IC = 500mAdc, VCE = 10Vdc
2N3498
2N3499
hFE
15
20
Collector-Emitter Saturation Voltage
IC = 10mAdc, IB = 1.0mAdc
IC = 300mAdc, IB = 30mAdc
IC = 150mAdc, IB = 15mAdc
All Types
2N3498, 3N3499
2N3500, 2N3501
VCE(sat)
0.2
0.6
0.4
Vdc
Base-Emitter Saturation Voltage
IC = 10mAdc, IB = 1.0mAdc
IC = 300mAdc, IB = 30mAdc
IC = 150mAdc, IB = 15mAdc
All Types
2N3498, 3N3499
2N3500, 2N3501
VBE(sat)
0.8
1.4
1.2
Vdc
DYNAMIC CHARACTERISTICS
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
Magnitude, Forward Current Transfer Ratio
IC = 20mAdc, VCE = 20Vdc, f = 100MHz
|hfe|
1.5
8.0
Output Capacitance
VCB = 10Vdc, IE = 0, 100kHz ≤ f ≤ 1.0MHz
2N3498, 2N3499
2N3500, 2N3501
Cobo
10
8.0
pF
Input Capacitance
VEB = 0.5Vdc, IC = 0, 100kHz ≤ f ≤ 1.0MHz
Cibo
80
pF



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com