Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3501 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 2N3501
Description  RADIATION HARDENED
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N3501 Datasheet(HTML) 1 Page - Microsemi Corporation

  2N3501 Datasheet HTML 1Page - Microsemi Corporation 2N3501 Datasheet HTML 2Page - Microsemi Corporation 2N3501 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
RADIATION HARDENED
NPN SILICON SWITCHING TRANSISTOR
Qualified per MIL-PRF-19500/366
T4-LDS-0056 Rev. 1 (080812)
Page 1 of 3
DEVICES
LEVELS
2N3498
2N3499
2N3500
2N3501
JANSM – 3K Rads (Si)
2N3498L
2N3499L
2N3500L
2N3501L
JANSD – 10K Rads (Si)
2N3501UB
JANSP – 30K Rads (Si)
JANSL – 50K Rads (Si)
JANSR – 100K Rads (Si)
ABSOLUTE MAXIMUM RATINGS (TC = +25°C unless otherwise noted)
Parameters / Test Conditions
Symbol
2N3498*
2N3499*
2N3501*
2N3501*
Unit
Collector-Emitter Voltage
VCEO
100
150
Vdc
Collector-Base Voltage
VCBO
100
150
Vdc
Emitter-Base Voltage
VEBO
6.0
6.0
Vdc
Collector Current
IC
500
300
mAdc
Total Power Dissipation
@ T
A = +25°C
@ T
C = +25°C
PT
1.0
5.0
W
W
Operating & Storage Junction Temperature Range
TJ, Tstg
-65 to +200
°C
THERMAL CHARACTERISTICS
Parameters / Test Conditions
Symbol
Max.
Unit
Thermal Resistance, Junction-to-Case
RθJC
30
°C/W
Thermal Resistance, Junction-to-Ambient
RθJA
175
°C/W
* Electrical characteristics for “L” suffix devices are identical to the “non L”
corresponding devices.
1. Derate linearly 5.71 W/°C for T
A > 25°C
2. Derate linearly 28.6 W/°C for T
C > 25°C
ELECTRICAL CHARACTERISTICS (TA = +25°C, unless otherwise noted)
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
OFF CHARACTERTICS
Collector-Emitter Breakdown Voltage
IC = 10mAdc
2N3498, 2N3499
2N3500, 2N3501
V(BR)CEO
100
150
Vdc
Collector-Base Cutoff Current
VCB = 50Vdc
VCB = 75Vdc
VCB = 100Vdc
VCB = 150Vdc
2N3498, 2N3499
2N3500, 2N3501
2N3498, 2N3499
2N3500, 2N3501
ICBO
50
50
10
10
ηAdc
ηAdc
μAdc
μAdc
TO-5*
2N3498L, 2N3499L
2N2500L, 2N3501L
TO-39* (TO-205AD)
2N3498, 2N3499
2N3500, 2N3501
3 PIN
2N3501UB


Similar Part No. - 2N3501

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2N3501 SEMICOA-2N3501 Datasheet
32Kb / 1P
Chip Type 2C3501 Geometry 5620 Polarity NPN
logo
Boca Semiconductor Corp...
2N3501 BOCA-2N3501 Datasheet
169Kb / 5P
GENERAL PURPOSE TRANSISTOR (NPN SILICON)
logo
Microsemi Corporation
2N3501 MICROSEMI-2N3501 Datasheet
511Kb / 2P
NPN BIPOLAR TRANSISTOR
2N3501 MICROSEMI-2N3501 Datasheet
69Kb / 2P
NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
2N3501 CENTRAL-2N3501 Datasheet
22Kb / 1P
Small Signal Transistors
More results

Similar Description - 2N3501

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
UT69RH051 AEROFLEX-UT69RH051 Datasheet
347Kb / 19P
Radiation-Hardened MicroController
logo
International Rectifier
IRHMS57260SE IRF-IRHMS57260SE Datasheet
184Kb / 8P
RADIATION HARDENED POWER MOSFET
IRHM7250SE IRF-IRHM7250SE Datasheet
140Kb / 8P
RADIATION HARDENED POWER MOSFET
logo
List of Unclassifed Man...
UT69RH051 ETC2-UT69RH051 Datasheet
182Kb / 18P
Radiation-Hardened MicroController
logo
Actel Corporation
RH1280-CQ172V ACTEL-RH1280-CQ172V Datasheet
249Kb / 30P
Radiation-Hardened FPGAs
logo
International Rectifier
IRHLUB7970Z4 IRF-IRHLUB7970Z4_10 Datasheet
231Kb / 11P
RADIATION HARDENED
logo
Microsemi Corporation
2N2221A MICROSEMI-2N2221A_1 Datasheet
144Kb / 7P
RADIATION HARDENED
2N2906A MICROSEMI-2N2906A_1 Datasheet
105Kb / 6P
RADIATION HARDENED
2N3634 MICROSEMI-2N3634_1 Datasheet
233Kb / 5P
RADIATION HARDENED
logo
Xilinx, Inc
DS692 XILINX-DS692 Datasheet
1Mb / 41P
Radiation-Hardened
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com