Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N5664 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 2N5664
Description  NPN POWER SILICON SWITCHING TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N5664 Datasheet(HTML) 1 Page - Microsemi Corporation

  2N5664 Datasheet HTML 1Page - Microsemi Corporation 2N5664 Datasheet HTML 2Page - Microsemi Corporation 2N5664 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
NPN POWER SILICON SWITCHING TRANSISTOR
Qualified per MIL-PRF-19500/455
T4-LDS-0062 Rev. 1 (081095)
Page 1 of 3
DEVICES
LEVELS
2N5664
2N5666
2N5667
JAN
2N5665
2N5666S
2N5667S
JANTX
2N5666U3
JANTV
JANS
ABSOLUTE MAXIMUM RATINGS (TC = +25°C unless otherwise noted)
Parameters / Test Conditions
Symbol
2N5664
2N5666, S
2N5665
2N5667, S
Unit
Collector-Emitter Voltage
VCEO
200
300
Vdc
Collector-Base Voltage
VCBO
250
400
Vdc
Emitter-Base Voltage
VEBO
6.0
Vdc
Base Current
IB
1.0
Adc
Collector Current
IC
5.0
Adc
2N5664
2N5665
2N5666, S
2N5667, S
2N5666U3
Total
1/
Power Dissipation
@ TA = +25°C
@ TC = +100°C
PT
2.5
30
1.2
15
1.5
35
W
Operating & Storage Junction
Temperature Range
TJ, Tstg
-65 to +200
°C
Note: 1) Consult 19500/455 for thermal derating curves.
ELECTRICAL CHARACTERISTICS (TC = +25°C, unless otherwise noted)
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
OFF CHARACTERTICS
Collector-Emitter Breakdown Voltage
IC = 10mAdc
2N5664, 2N5666
2N5665, 2N5667
V(BR)CER
250
400
Vdc
Emitter-Base Breakdown Voltage
IE = 10μAdc
V(BR)EBO
6.0
Vdc
Collector-Emitter Cutoff Current
VCE = 200Vdc
VCE = 300Vdc
2N5664, 2N5666
2N5665, 2N5667
ICES
0.2
0.2
μAdc
Collector-Base Cutoff Current
VCB = 200Vdc
VCB = 250Vdc
2N5664, 2N5666
0.1
1.0
μAdc
mAdc
VCB = 300Vdc
VCB = 400Vdc
2N5665, 2N5667
ICBO
0.1
1.0
μAdc
mAdc
TO-66 (TO-213AA)
2N5664, 2N5665
TO-5
2N5666, 2N5667
TO-39 (TO-205AD)
2N5666S, 2N5667S
U-3
2N5666U3


Similar Part No. - 2N5664

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2N5664 SEMICOA-2N5664 Datasheet
31Kb / 1P
Chip Type 2C5664 Geometry 9221 Polarity NPN
logo
Microsemi Corporation
2N5664 MICROSEMI-2N5664 Datasheet
60Kb / 2P
NPN POWER SILICON SWITCHING TRANSISTOR Qualified per MIL-PRF-19500/455
logo
Semicoa Semiconductor
2N5664 SEMICOA-2N5664 Datasheet
204Kb / 2P
Silicon NPN Transistor
logo
Savantic, Inc.
2N5664 SAVANTIC-2N5664 Datasheet
114Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2N5664 ISC-2N5664 Datasheet
140Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - 2N5664

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FCX1051A ZETEX-FCX1051A Datasheet
49Kb / 3P
NPN SILICON POWER (SWITCHING) TRANSISTOR
FCX617 ZETEX-FCX617 Datasheet
82Kb / 3P
NPN SILICON POWER (SWITCHING) TRANSISTOR
FCX690B ZETEX-FCX690B Datasheet
83Kb / 3P
NPN SILICON POWER (SWITCHING) TRANSISTOR
ZUMT617 ZETEX-ZUMT617 Datasheet
128Kb / 3P
NPN SILICON POWER (SWITCHING) TRANSISTOR
ZUMT619 ZETEX-ZUMT619 Datasheet
123Kb / 3P
NPN SILICON POWER (SWITCHING) TRANSISTOR
logo
Microsemi Corporation
2N3996 MICROSEMI-2N3996 Datasheet
65Kb / 2P
NPN POWER SWITCHING SILICON TRANSISTOR
2N5339 MICROSEMI-2N5339 Datasheet
56Kb / 2P
NPN POWER SILICON SWITCHING TRANSISTOR
logo
Guangdong Kexin Industr...
FCX1051A KEXIN-FCX1051A Datasheet
52Kb / 2P
NPN Silicon Power Switching Transistor
logo
Seme LAB
2N5667N1 SEME-LAB-2N5667N1 Datasheet
347Kb / 3P
NPN POWER SILICON SWITCHING TRANSISTOR
logo
TT Electronics.
BUX45X TTELEC-BUX45X Datasheet
203Kb / 3P
SILICON NPN POWER SWITCHING TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com