Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3635UB Datasheet(PDF) 4 Page - Microsemi Corporation

Part # 2N3635UB
Description  RADIATION HARDENED
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N3635UB Datasheet(HTML) 4 Page - Microsemi Corporation

  2N3635UB Datasheet HTML 1Page - Microsemi Corporation 2N3635UB Datasheet HTML 2Page - Microsemi Corporation 2N3635UB Datasheet HTML 3Page - Microsemi Corporation 2N3635UB Datasheet HTML 4Page - Microsemi Corporation 2N3635UB Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
T4-LDS-0065 Rev. 2 (100377)
Page 4 of 5
PACKAGE DIMENSIONS
NOTES:
1. Dimensions are in inches.
2.
Millimeters are given for general information only.
3.
Beyond r maximum, TW must be held to a minimum length of .021 inch (0.53 mm).
4.
TL measured from maximum HD.
5.
CD shall not vary more than ±.010 inch (0.25 mm) in zone P. This zone is controlled for automatic handling.
6.
Leads at gauge plane .054 - .055 inch (1.37 - 1.40 mm) below seating plane shall be within .007 inch (0.18 mm) radius of
true position (TP) at a maximum material condition (MMC) relative to the tab at MMC. The device may be measured by
direct methods or by gauge and gauging procedure.
7.
LU applies between L1 and L2. LD applies between L2 and L minimum. Diameter is uncontrolled in L1 and beyond LL
minimum.
8.
r (radius) applies to both inside corners of tab.
9.
For transistor types 2N3634 through 2N3637, LL is .500 inch (12.70 mm) minimum, and .750 inch (19.05 mm)
maximum (TO-39).
10.
For transistor types 2N3634L through 2N3637L, LL is 1.500 inches (38.10 mm) minimum, and 1.750 inches (44.45 mm)
maximum (TO-5).
11.
In accordance with ASME Y14.5M, diameters are equivalent to φx symbology.
FIGURE 1: Physical dimensions (TO-5 and TO-39)
Dimensions
Ltr
Inches
Millimeters
Notes
Min
Max
Min
Max
CD
.305
.335
7.75
8.51
CH
.240
.260
6.10
6.60
HD
.335
.370
8.51
9.40
LC
.200 TYP
5.08 TYP
7
LD
.016
.021
0.41
0.53
6
LL
See notes 7, 9, and 10
LU
.016
.019
0.41
0.48
7
L1
050
1.27
7
L2
.250
6.35
7
P
.100
2.54
5
Q
.050
1.27
r
.010
0.254
8
TL
.029
.045
0.74
1.14
4
TW
.028
.034
0.71
0.86
3
α
45° TP
45° TP
6
Term 1
Emitter
Term 2
Base
Term 3
Collector



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com