Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N5151L Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 2N5151L
Description  PNP POWER SILICON TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N5151L Datasheet(HTML) 1 Page - Microsemi Corporation

  2N5151L Datasheet HTML 1Page - Microsemi Corporation 2N5151L Datasheet HTML 2Page - Microsemi Corporation 2N5151L Datasheet HTML 3Page - Microsemi Corporation 2N5151L Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
PNP POWER SILICON TRANSISTOR
Qualified per MIL-PRF-19500/545
T4-LDS-0132 Rev. 1 (091476)
Page 1 of 4
DEVICES
LEVELS
2N5151
2N5153
JAN
2N5151L
2N5153L
JANTX
2N5151U3
2N5153U3
JANTXV
JANS
ABSOLUTE MAXIMUM RATINGS (TC = +25°C unless otherwise noted)
Parameters / Test Conditions
Symbol
Value
Unit
Collector-Emitter Voltage
VCEO
80
Vdc
Collector-Base Voltage
VCBO
100
Vdc
Emitter-Base Voltage
VEBO
5.5
Vdc
Collector Current
IC
2.0
Adc
Total Power Dissipation
2N5151, 2N5153, L
2N5151, 2N5153, L
2N5151U3, 2N5153U3
2N5151U3, 2N5153U3
@ TA = +25°C
(1)
@ TC = +25°C
(2)
@ TA = +25°C
(3)
@ TC = +25°C
(4)
PT
1.0
10
1.16
100
W
Operating & Storage Junction Temperature Range
TJ , Tstg
-65 to +200
°C
Thermal Resistance, Junction-to Case
RθJC
10
1.75 (U3)
°C/W
Note:
1)
Derate linearly 5.7mW/°C for TA > +25°
2)
Derate linearly 66.7mW/°C for TA > +25°
3)
Derate linearly 6.63mW/°C for TA > +25°
4)
Derate linearly 571mW/°C for TA > +25°
ELECTRICAL CHARACTERISTICS (TA = +25°C, unless otherwise noted)
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
OFF CHARACTERTICS
Collector-Emitter Breakdown Voltage
IC = 100mAdc, IB = 0
V(BR)CEO
80
Vdc
Emitter-Base Cutoff Current
VEB = 4.0Vdc, IC = 0
VEB = 5.5Vdc, IC = 0
IEBO
1.0
1.0
µAdc
mAdc
Collector-Emitter Cutoff Current
VCE = 60Vdc, VBE = 0
VCE = 100Vdc, VBE = 0
ICES
1.0
1.0
µAdc
mAdc
Collector-Base Cutoff Current
VCE = 40Vdc, IB = 0
ICEO
50
µAdc
TO-5
2N5151L, 2N5153L
(See Figure 1)
TO-39 (TO-205AD)
2N5151, 2N5153
U-3
2N5151U3, 2N5153U3


Similar Part No. - 2N5151L

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2N5151L SEMICOA-2N5151L Datasheet
33Kb / 1P
Chip Type 2C5153 Geometry 9221 Polarity NPN
2N5151L SEMICOA-2N5151L Datasheet
59Kb / 2P
Type 2N5151L Geometry 9702 Polarity PNP
logo
Microsemi Corporation
2N5151L MICROSEMI-2N5151L Datasheet
60Kb / 2P
PNP POWER SILICON TRANSISTOR
logo
Semicoa Semiconductor
2N5151L SEMICOA-2N5151L Datasheet
203Kb / 2P
Silicon PNP Transistor
logo
M/A-COM Technology Solu...
2N5151L MA-COM-2N5151L Datasheet
571Kb / 4P
NPN Power Silicon Transistor
More results

Similar Description - 2N5151L

ManufacturerPart #DatasheetDescription
logo
NEC
2SA1142 NEC-2SA1142 Datasheet
64Kb / 1P
PNP SILICON POWER TRANSISTOR
logo
Microsemi Corporation
2N5151 MICROSEMI-2N5151 Datasheet
60Kb / 2P
PNP POWER SILICON TRANSISTOR
logo
Inchange Semiconductor ...
2SA1303 ISC-2SA1303 Datasheet
106Kb / 2P
Silicon PNP Power Transistor
2SA1741 ISC-2SA1741 Datasheet
164Kb / 3P
Silicon PNP Power Transistor
logo
New Jersey Semi-Conduct...
2SA1880 NJSEMI-2SA1880 Datasheet
76Kb / 2P
Silicon PNP Power Transistor
2SA1939 NJSEMI-2SA1939 Datasheet
75Kb / 2P
Silicon PNP Power Transistor
2SA1941 NJSEMI-2SA1941 Datasheet
74Kb / 2P
Silicon PNP Power Transistor
2SA1943 NJSEMI-2SA1943 Datasheet
81Kb / 2P
Silicon PNP Power Transistor
2SA1986 NJSEMI-2SA1986 Datasheet
75Kb / 2P
Silicon PNP Power Transistor
BDY83 NJSEMI-BDY83 Datasheet
76Kb / 2P
Silicon PNP Power Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com