Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N4261UBC Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 2N4261UBC
Description  PNP SMALL SIGNAL SILICON TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N4261UBC Datasheet(HTML) 1 Page - Microsemi Corporation

  2N4261UBC Datasheet HTML 1Page - Microsemi Corporation 2N4261UBC Datasheet HTML 2Page - Microsemi Corporation 2N4261UBC Datasheet HTML 3Page - Microsemi Corporation 2N4261UBC Datasheet HTML 4Page - Microsemi Corporation 2N4261UBC Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
Gort Road Business Park, Ennis, Co. Clare, Ireland
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298
Website: http: //www.microsemi.com
PNP SMALL SIGNAL SILICON TRANSISTOR
Qualified per MIL-PRF-19500/511
T4-LDS-0150 Rev. 2 (101161)
Page 1 of 5
DEVICES
LEVELS
2N4261
2N4261UB
JAN
2N4261UBC *
JANTX
JANTXV
* Available for JANS only
JANS
ABSOLUTE MAXIMUM RATINGS (TC = +25°C unless otherwise noted)
Parameters / Test Conditions
Symbol
Value
Unit
Collector-Emitter Voltage
VCEO
15
Vdc
Collector-Base Voltage
VCBO
15
Vdc
Emitter-Base Voltage
VEBO
4.5
Vdc
Collector Current
IC
30
mAdc
Total Power Dissipation @ T
A = +25°C
PT
0.2
W
Operating & Storage Junction Temperature Range
Top, Tstg
-65 to +200
°C
Note: Consult 19500/511 for Thermal Performance Curves.
ELECTRICAL CHARACTERISTICS (TA = +25°C, unless otherwise noted)
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
OFF CHARACTERTICS
Collector-Emitter Breakdown Voltage
IC = 10mAdc
V(BR)CEO
15
Vdc
Collector-Base Cutoff Current
VCB = 15Vdc
ICBO
10
μAdc
Emitter-Base Cutoff Current
VEB = 4.5Vdc
IEBO
10
μAdc
Collector-Emitter Cutoff Current
VCE = 10Vdc, VBE = 0.4Vdc
ICEX1
50
ηAdc
Collector-Emitter Cutoff Current
VCE = 10Vdc, VBE = 2.0Vdc
ICEX2
5
ηAdc
TO-72
2N4261
3 PIN
2N4261UB
2N4261UBC
(UBC = Ceramic Lid Version)


Similar Part No. - 2N4261UBC

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2N4261UB SEMICOA-2N4261UB Datasheet
29Kb / 1P
Chip Type 2C4261 Geometry 0014 Polarity PNP
2N4261UB SEMICOA-2N4261UB Datasheet
111Kb / 2P
Silicon PNP Transistor
logo
Microsemi Corporation
2N4261UB MICROSEMI-2N4261UB Datasheet
157Kb / 4P
PNP SMALL SIGNAL SILICON TRANSISTOR
logo
Semicoa Semiconductor
2N4261UB SEMICOA-2N4261UB_05 Datasheet
111Kb / 2P
Silicon PNP Transistor
More results

Similar Description - 2N4261UBC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N6076 FAIRCHILD-2N6076 Datasheet
18Kb / 2P
SILICON PNP SMALL SIGNAL TRANSISTOR
logo
Micro Electronics
BC556 MICRO-ELECTRONICS-BC556 Datasheet
286Kb / 4P
PNP SILICON AF SMALL SIGNAL TRANSISTOR
logo
Zetex Semiconductors
ZTX500 ZETEX-ZTX500 Datasheet
42Kb / 2P
PNP SILICON PLANAR SMALL SIGNAL TRANSISTOR
logo
Microsemi Corporation
2N2907AUA MICROSEMI-2N2907AUA Datasheet
68Kb / 2P
PNP SMALL SIGNAL SILICON TRANSISTOR
2N2944A MICROSEMI-2N2944A Datasheet
56Kb / 2P
PNP SILICON SMALL SIGNAL TRANSISTOR
logo
Fairchild Semiconductor
2N6076 FAIRCHILD-2N6076_1 Datasheet
30Kb / 3P
SILICON PNP SMALL SIGNAL TRANSISTOR
logo
Microsemi Corporation
2N3485A MICROSEMI-2N3485A Datasheet
55Kb / 2P
PNP SILICON SMALL SIGNAL TRANSISTOR
2N4261 MICROSEMI-2N4261 Datasheet
157Kb / 4P
PNP SMALL SIGNAL SILICON TRANSISTOR
logo
Diodes Incorporated
ZTX541 DIODES-ZTX541 Datasheet
46Kb / 2P
PNP SILICON PLANAR SMALL SIGNAL TRANSISTOR
MARCH 1994
ZTX500 DIODES-ZTX500 Datasheet
46Kb / 2P
PNP SILICON PLANAR SMALL SIGNAL TRANSISTOR
MARCH 1994
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com