Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N4261 Datasheet(PDF) 4 Page - Microsemi Corporation

Part # 2N4261
Description  PNP SMALL SIGNAL SILICON TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N4261 Datasheet(HTML) 4 Page - Microsemi Corporation

  2N4261 Datasheet HTML 1Page - Microsemi Corporation 2N4261 Datasheet HTML 2Page - Microsemi Corporation 2N4261 Datasheet HTML 3Page - Microsemi Corporation 2N4261 Datasheet HTML 4Page - Microsemi Corporation 2N4261 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
Gort Road Business Park, Ennis, Co. Clare, Ireland
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298
Website: http: //www.microsemi.com
T4-LDS-0150 Rev. 2 (101161)
Page 4 of 5
Dimensions
Dimensions
Ltr.
Inches
Millimeters Note
Ltr.
Inches
Millimeters
Note
Min
Max
Min
Max
Min
Max
Min
Max
BH
.046
.056
1.17
1.42
LS1
.035
.040
0.89
1.02
BL
.115
.128
2.92
3.25
LS2
.071
.079
1.80
2.01
BW
.085
.108
2.16
2.74
LW
.016
.024
0.41
0.61
CL
.128
3.25
r
.008
0.20
CW
.108
2.74
r1
.012
0.31
LL1 .022
.038
0.56
0.96
r2
.022
0.56
LL2 .017
.035
0.43
0.89
NOTES:
1 Dimensions are in inches.
2 Millimeters are given for general information only.
3 Pad 1 = Base, Pad 2 = Emitter, Pad 3 = Collector, Pad 4 = Shielding connected to the lid.
4 In accordance with ASME Y14.5M, diameters are equivalent to φx symbology.
FIGURE 2. Physical dimensions for 2N4261UB, surface mount.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com