Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N4033 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # 2N4033
Description  PNP SILICON SWITCHING TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N4033 Datasheet(HTML) 3 Page - Microsemi Corporation

  2N4033 Datasheet HTML 1Page - Microsemi Corporation 2N4033 Datasheet HTML 2Page - Microsemi Corporation 2N4033 Datasheet HTML 3Page - Microsemi Corporation 2N4033 Datasheet HTML 4Page - Microsemi Corporation 2N4033 Datasheet HTML 5Page - Microsemi Corporation 2N4033 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
Gort Road Business Park, Ennis, Co. Clare, Ireland.
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298
Website: http://www.microsemi.com
T4-LDS-0157 Rev. 2 (101305)
Page 3 of 6
PACKAGE DIMENSIONS
NOTES:
1
Dimension are in inches.
2
Millimeters equivalents are given for general information only.
3
Beyond r (radius) maximum, TW shall be held for a minimum length of .011 (0.28 mm).
4
Dimension TL measured from maximum HD.
5
Body contour optional within zone defined by HD, CD, and Q.
6
Leads at gauge plane .054 +.001 -.000 inch (1.37 +0.03 -0.00 mm) below seating plane shall be within .007 inch (0.18mm)
radius of true position (TP) at maximum material condition (MMC) relative to tab at MMC. The device may be measured by
direct methods.
7
Dimension LU applies between L1 and L2. Dimension LD applies between L2 and minimum. Diameter is uncontrolled in L1
and beyond LL minimum.
8
All three leads.
9
The collector shall be internally connected to the case.
10 Dimension r (radius) applies to both inside corners of tab.
11 In accordance with ASME Y14.5M, diameters are equivalent to φx symbology.
12 For “L” suffix devices, dimension LL is 1.50 (38.10mm) minimum, 1.75 (44.45mm) maximum.
FIGURE 1. Physical dimensions for 2N4029 (TO-18).
Dimensions
Symbol
Inches
Millimeters
Notes
Min
Max
Min
Max
CD
.178
.195
4.52
4.95
CH
.170
.210
4.32
5.34
HD
.209
.230
5.31
5.84
LC
.100 TP
2.54 TP
6
LD
.016
.021
0.41
0.53
7, 8
LL
.500
.750
12.70 19.05
7, 8, 12
LU
.016
.019
0.41
0.48
7, 8
L1
.050
1.27
7, 8
L2
.250
6.35
7, 8
Q
.040
1.02
5
TL
.028
.048
0.71
1.22
3, 4
TW
.036
.046
0.91
1.17
3
r
.010
0.25
10
P
.100
2.54
α
45° TP
6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com