Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N5686 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # 2N5686
Description  NPN POWER SILICON TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N5686 Datasheet(HTML) 3 Page - Microsemi Corporation

  2N5686 Datasheet HTML 1Page - Microsemi Corporation 2N5686 Datasheet HTML 2Page - Microsemi Corporation 2N5686 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
T4-LDS-0162 Rev. 1 (100546)
Page 3 of 3
PACKAGE DIMENSIONS
NOTE:
1.
Dimensions are in inches.
2.
Millimeters are given for general information only.
3.
Body contour is optional within zone defined by CD.
4.
These dimensions shall be measured at points .050 inch (1.27 mm) to .055 inch (1.40 mm) below seating plane. When
gauge is not used, measurement shall be made at seating plane.
5.
Both terminals.
6.
At both ends.
7.
Two holes.
8.
The collector shall be electrically connected to the case.
9.
LD applies between L1 and LL. Lead diameter shall not exceed twice LD within L1.
10.
In accordance with ASME Y14.5M, diameters are equivalent to φx symbology.
11.
Terminal 1 is emitter; terminal 2 is base; case is collector.
* FIGURE 1. Physical dimensions (TO-3)
Dimensions
Ltr
Inches
Millimeters
Notes
Min
Max
Min
Max
CD
.875
22.22
3
CH
.250
.450
6.35
11.43
HR
.495
.525
12.57
13.34
HR1
.131
.188
3.33
4.78
6
HT
.060
.135
1.52
3.43
LD
.057
.063
1.45
1.60
4, 5, 9
LL
.312
.500
7.92
12.70
4, 5, 9
L1
.050
1.27
5, 9
MHD
.151
.165
3.84
4.19
7
MHS
1.177
1.197
29.90
30.40
PS
.420
.440
10.67
11.18
PS1
.205
.225
5.21
5.72
5
S1
.655
.675
16.64
17.15
*



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com