Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3737 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # 2N3737
Description  NPN SILICON SWITCHING TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N3737 Datasheet(HTML) 3 Page - Microsemi Corporation

  2N3737 Datasheet HTML 1Page - Microsemi Corporation 2N3737 Datasheet HTML 2Page - Microsemi Corporation 2N3737 Datasheet HTML 3Page - Microsemi Corporation 2N3737 Datasheet HTML 4Page - Microsemi Corporation 2N3737 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
T4-LDS-0173 Rev. 1 (101069)
Page 3 of 5
PACKAGE DIMENSIONS
2N3735 Dimensions TO-39
2N3735L Dimensions TO-5
FIGURE 1: Physical dimensions – TO-39, TO-5
Dimensions
Ltr
Inches
Millimeters
Notes
Min
Max
Min
Max
CD
.305
.355
7.75
9.02
CH
.240
.260
6.10
6.60
HD
.355
.370
9.02
9.40
LC
.200 TP
5.08 TP
6
LD
.016
.021
0.41
0.53
7
LL
1.500
1.750
38.10
44.45
7
LU
.016
.019
0.41
0.48
7
L1
.050
1.27
7
L2
.250
6.35
7
P
.100
2.54
TL
.029
.045
0.74
1.14
3
TW
.028
.034
0.71
0.86
9
Q
.040
1.02
4
R
.010
0.25
10
α
45° TP
45° TP
6
Dimensions
Ltr
Inches
Millimeters
Notes
Min
Max
Min
Max
CD
.305
.355
7.75
9.02
CH
.240
.260
6.10
6.60
HD
.355
.370
9.02
9.40
LC
.200 TP
5.08 TP
6
LD
.016
.021
0.41
0.53
7
LL
.500
.750
12.70
19.05
7
LU
.016
.019
0.41
0.48
7
L1
.050
1.27
7
L2
.250
6.35
7
P
.100
2.54
TL
.029
.045
0.74
1.14
3
TW
.028
.034
0.71
0.86
9
Q
.040
1.02
4
r
.010
0.25
10
α
45° TP
45° TP
6



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com