Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMLDM8120 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMLDM8120
Description  SURFACE MOUNT P-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMLDM8120 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMLDM8120 Datasheet HTML 1Page - Central Semiconductor Corp CMLDM8120 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMLDM8120
CMLDM8120G*
SURFACE MOUNT
P-CHANNEL
ENHANCEMENT-MODE
SILICON MOSFET
DESCRIPTION:
These CENTRAL SEMICONDUCTOR devices
are Enhancement-mode P-Channel Field Effect
Transistors, manufactured by the P-Channel DMOS
Process, designed for high speed pulsed amplifier and
driver applications. This MOSFET offers Low rDS(on)
and Low Theshold Voltage.
MARKING CODES:
CMLDM8120:
C81
CMLDM8120G*: C8G
FEATURES:
• Low rDS(on)
• Low Threshold Voltage
• Logic Level Compatible
• Small SOT-563 package
APPLICATIONS:
• Load/Power Switches
• Power Supply Converter Circuits
• Battery Powered Portable Equipment
Notes: (1) Ceramic or aluminum core PC Board with copper mounting pad area of 4.0mm2
(2) FR-4 Epoxy PC Board with copper mounting pad area of 4.0mm2
(3) FR-4 Epoxy PC Board with copper mounting pad area of 1.4mm2
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
8.0
V
Continuous Drain Current (Steady State)
ID
860
mA
Continuous Drain Current, t≤5.0s
ID
950
mA
Continuous Source Current (Body Diode)
IS
360
mA
Maximum Pulsed Drain Current, tp=10μs
IDM
4.0
A
Maximum Pulsed Source Current, tp=10μs
ISM
4.0
A
Power Dissipation (Note 1)
PD
350
mW
Power Dissipation (Note 2)
PD
300
mW
Power Dissipation (Note 3)
PD
150
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IGSSF, IGSSR
VGS=8.0V, VDS=0
1.0
50
nA
IDSS
VDS=20V, VGS=0
5.0
500
nA
BVDSS
VGS=0, ID=250μA
20
24
V
VGS(th)
VDS=VGS, ID=250μA
0.45
0.76
1.0
V
VSD
VGS=0V, IS=360mA
0.9
V
rDS(ON)
VGS=4.5V, ID=0.95A
0.085
0.15
Ω
rDS(ON)
VGS=4.5V, ID=0.77A
0.085
0.142
Ω
rDS(ON)
VGS=2.5V, ID=0.67A
0.13
0.20
Ω
rDS(ON)
VGS=1.8V, ID=0.2A
0.19
0.24
Ω
* Device is Halogen Free by design
SOT-563 CASE
R3 (18-January 2010)
www.centr a lsemi.com


Similar Part No. - CMLDM8120

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLDM8120TG CENTRAL-CMLDM8120TG Datasheet
517Kb / 2P
SURFACE MOUNT P-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CMLDM8120TG CENTRAL-CMLDM8120TG_15 Datasheet
530Kb / 3P
SURFACE MOUNT SILICON P-CHANNEL ENHANCEMENT-MODE MOSFET
CMLDM8120 CENTRAL-CMLDM8120_15 Datasheet
532Kb / 3P
SURFACE MOUNT SILICON P-CHANNEL ENHANCEMENT-MODE MOSFET
More results

Similar Description - CMLDM8120

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPDM302PH CENTRAL-CMPDM302PH Datasheet
349Kb / 2P
SURFACE MOUNT P-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CMPDM8002A CENTRAL-CMPDM8002A Datasheet
329Kb / 2P
SURFACE MOUNT P-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CMLDM8120TG CENTRAL-CMLDM8120TG Datasheet
517Kb / 2P
SURFACE MOUNT P-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CMUDM8005 CENTRAL-CMUDM8005 Datasheet
398Kb / 2P
SURFACE MOUNT P-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CEDM8004 CENTRAL-CEDM8004_12 Datasheet
457Kb / 2P
SURFACE MOUNT P-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CEDM8004VL CENTRAL-CEDM8004VL Datasheet
956Kb / 4P
SURFACE MOUNT SILICON P-CHANNEL ENHANCEMENT-MODE MOSFET
CMLDM8120 CENTRAL-CMLDM8120_15 Datasheet
532Kb / 3P
SURFACE MOUNT SILICON P-CHANNEL ENHANCEMENT-MODE MOSFET
CMLDM8120TG CENTRAL-CMLDM8120TG_15 Datasheet
530Kb / 3P
SURFACE MOUNT SILICON P-CHANNEL ENHANCEMENT-MODE MOSFET
CMPDM202PH CENTRAL-CMPDM202PH_15 Datasheet
353Kb / 2P
SURFACE MOUNT P-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CXDM4060P CENTRAL-CXDM4060P_15 Datasheet
854Kb / 3P
SURFACE MOUNT SILICON P-CHANNEL ENHANCEMENT-MODE MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com