Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T86D107M010LSAS Datasheet(PDF) 2 Page - Vishay Siliconix

Part # T86D107M010LSAS
Description  Solid Tantalum Surface Mount TANTAMOUNT짰, Molded Case, Hi-Rel COTS, Low ESR, Built-In-Fuse
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T86D107M010LSAS Datasheet(HTML) 2 Page - Vishay Siliconix

  T86D107M010LSAS Datasheet HTML 1Page - Vishay Siliconix T86D107M010LSAS Datasheet HTML 2Page - Vishay Siliconix T86D107M010LSAS Datasheet HTML 3Page - Vishay Siliconix T86D107M010LSAS Datasheet HTML 4Page - Vishay Siliconix T86D107M010LSAS Datasheet HTML 5Page - Vishay Siliconix T86D107M010LSAS Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 40145
2
Revision: 31-Jan-11
T86
Vishay Sprague
Solid Tantalum Surface Mount TANTAMOUNT®,
Molded Case, Hi-Rel COTS, Low ESR, Built-In-Fuse
RATINGS AND CASE CODES
μF
4 V
6.3 V
10 V
16 V
20 V
25 V
35 V
50 V
0.47
C
0.68
C
1.0
C
1.5
CC
2.2
CC
C/D
3.3
CC
C/D
4.7
CC
C/D
D
6.8
CCC
D
D/E
10
CCC
C/D
D/E
15
C
C
C
C/D
D
D/E
22
C
C
C/D
D
D/E
E
33
C
C/D
C/D
D/E
E
47
C/D
C/D
D/E
E
68
C
C/D
D/E
D
E
100
C
D/E
D
E
150
D
D
D/E
E
220
D
D/E
E
330
D/E
E
470
E
CONSTRUCTION AND MARKING
Marking:
Capacitor marking includes an anode (+) polarity band,
capacitance in microfarads and the voltage rating.
The Vishay Sprague® trademark is included if space
permits. Capacitors rated at 6.3 V are marked 6 V.
A manufacturing date code is marked on all capacitors.
Capital letter “E” stands for lead (Pb)-free terminations
small cap letter “e” stands for SnPb
Leadframe
Epoxy
Encapsulation
Anode
Polarity Bar
Solderable
Cathode
Termination
Silver
Adhesive
MnO
2/Carbon/
Silver Coating
Solderable Anode
Termination
Sintered Tantalum
Pellet
Fusible
Wire
Date Code
Vishay
Sprague
Logo
Indicates
Fused Product
Voltage
Capacitance
μF
Polarity
Band
22E10
XX
2
C, D, E, Cases



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com