Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMPT2907A Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMPT2907A
Description  SURFACE MOUNT PNP SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPT2907A Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMPT2907A_10 Datasheet HTML 1Page - Central Semiconductor Corp CMPT2907A_10 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMPT2907A
SURFACE MOUNT
PNP SILICON TRANSISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMPT2907A
type is a PNP silicon transistor manufactured by the
epitaxial planar process, epoxy molded in a surface
mount package, designed for small signal general
purpose and switching applications.
MARKING CODE: C2F
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
60
V
Emitter-Base Voltage
VEBO
5.0
V
Continuous Collector Current
IC
600
mA
Power Dissipation
PD
350
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICBO
VCB=50V
10
nA
ICBO
VCB=50V, TA=125°C
10
µA
ICEV
VCE=30V, VEB=0.5V
50
nA
BVCBO
IC=10µA
60
V
BVCEO
IC=10mA
60
V
BVEBO
IE=10µA
5.0
V
VCE(SAT)
IC=150mA, IB=15mA
0.4
V
VCE(SAT)
IC=500mA, IB=50mA
1.6
V
VBE(SAT)
IC=150mA, IB=15mA
1.3
V
VBE(SAT)
IC=500mA, IB=50mA
2.6
V
hFE
VCE=10V, IC=0.1mA
75
hFE
VCE=10V, IC=1.0mA
100
hFE
VCE=10V, IC=10mA
100
hFE
VCE=10V, IC=150mA
100
300
hFE
VCE=10V, IC=500mA
50
fT
VCE=20V, IC=50mA, f=100MHz
200
MHz
Cob
VCB=10V, IE=0, f=1.0MHz
8.0
pF
Cib
VBE=2.0V, IC=0, f=1.0MHz
30
pF
SOT-23 CASE
R5 (1-February 2010)
www.centr a lsemi.com


Similar Part No. - CMPT2907A_10

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPT2907A CENTRAL-CMPT2907A_15 Datasheet
328Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
More results

Similar Description - CMPT2907A_10

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
BCW61B CENTRAL-BCW61B Datasheet
125Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
CMLT591E CENTRAL-CMLT591E_10 Datasheet
511Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
CMPT5401 CENTRAL-CMPT5401_10 Datasheet
329Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
CMST5086 CENTRAL-CMST5086_10 Datasheet
407Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
BC856 CENTRAL-BC856_10 Datasheet
331Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
BCW67 CENTRAL-BCW67 Datasheet
328Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
BCX71 CENTRAL-BCX71 Datasheet
329Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
CMPT7410 CENTRAL-CMPT7410_15 Datasheet
393Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
CMPT4209 CENTRAL-CMPT4209 Datasheet
330Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
CXT5401 BILIN-CXT5401 Datasheet
167Kb / 3P
Surface Mount PNP Silicon Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com