Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C4530 Datasheet(PDF) 3 Page - Vectron International, Inc

Part # C4530
Description  Surface Mount Package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

C4530 Datasheet(HTML) 3 Page - Vectron International, Inc

  C4530_06 Datasheet HTML 1Page - Vectron International, Inc C4530_06 Datasheet HTML 2Page - Vectron International, Inc C4530_06 Datasheet HTML 3Page - Vectron International, Inc C4530_06 Datasheet HTML 4Page - Vectron International, Inc C4530_06 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Vectron International · www.vectron.com
v.2006-11-10 · page 3 of 5
Vectron International
Headquarters
267 Lowell Road
Hudson, New Hampshire 03051
+1-888-328-7661 tel
+1-888-329-8328 fax
Vectron International LLC.
100 W atts Street
Mount Holly Springs, PA 17065
USA
+1-717-486-3411 tel
+1-717-486-5920 fax
Vectron international GmbH & Co. KG
Landstrasse
D-74924 Neckarbischofsheim
Germany
+49-07268-801-0 tel
+49-07268-801-281 fax
Vectron Asia Pacific Sales Office
1F-2F, No 8 W orkshop, No 308 Fenju
Road, W aiGaoQiao Free Trade Zone,
Pudong, Shanghai, P.R. China 200131
+86 21 5048 0777 tel.
+86 21 5048 1881 fax
C4530
OCXO
Enclosures
Type A, for HCMOS output
Type B, for Sinewave output,
only with reduced AT-stabilities
available
Type C, for HCMOS output
Package Codes:
Code
Height “H”
Code
Height “H”
Code
Height “H”
A1
12.1
G185C
B1
12.1
G185C
C1
12.1
G270C
A2
7.8
G185D
B2
7.8
G185D
C2
7.8
G270C
Pin Connections
Pin Connections
Pin Connections
1
Electronic Frequency Control Input (EFC)
1
RF Output
1
Electronic Frequency Control Input (EFC)
2
Reference Voltage Output
2
N.C.
2
Reference Voltage Output
3
Supply Voltage Input (Vs)
3
Ground (Case)
3
Supply Voltage Input (Vs)
4
RF Output
4
N.C.
4
RF Output
5
Oven Alarm
5
Electronic Frequency Control Input (EFC)
5
Ground (Case)
6
I.C. Intern Connected
6
Supply voltage Vs oscillator
7
Ground (Case)
7
Supply voltage Vs heater
*Pin 6 must be remain unconnected.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com