Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMPZ4701 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMPZ4701
Description  SURFACE MOUNT LOW LEVEL SILICON ZENER DIODE 350mW, 5% TOLERANCE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPZ4701 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMPZ4701 Datasheet HTML 1Page - Central Semiconductor Corp CMPZ4701 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CMPZ4678 THRU CMPZ4717
SURFACE MOUNT
LOW LEVEL
SILICON ZENER DIODE
350mW, 5% TOLERANCE
ELECTRICAL CHARACTERISTICS - Continued: (TA=25°C) VF=1.5V MAX @ IF=100mA (for all types)
* ΔVZ=VZ @ 100µA MINUS VZ @ 10µA.
TYPE
NOMINAL
ZENER
VOLTAGE
VZ @ IZT
TEST
CURRENT
IZT
MAXIMUM REVERSE
LEAKAGE CURRENT
IR
@
VR
MAXIMUM
VOLTAGE
CHANGE*
ΔVZ
MAXIMUM
ZENER
CURRENT
IZM
VμA
μAV
V
mA
CMPZ4699
12
50
0.05
9.1
0.12
20.4
CMPZ4700
13
50
0.05
9.8
0.13
19.0
CMPZ4701
14
50
0.05
10.6
0.14
17.5
CMPZ4702
15
50
0.05
11.4
0.15
16.3
CMPZ4703
16
50
0.05
12.1
0.16
15.4
CMPZ4704
17
50
0.05
12.9
0.17
14.5
CMPZ4705
18
50
0.05
13.6
0.18
13.2
CMPZ4706
19
50
0.05
14.4
0.19
12.5
CMPZ4707
20
50
0.01
15.2
0.20
11.9
CMPZ4708
22
50
0.01
16.7
0.22
10.8
CMPZ4709
24
50
0.01
18.2
0.24
9.9
CMPZ4710
25
50
0.01
19.0
0.25
9.5
CMPZ4711
27
50
0.01
20.4
0.27
8.8
CMPZ4712
28
50
0.01
21.2
0.28
8.5
CMPZ4713
30
50
0.01
22.8
0.30
7.9
CMPZ4714
33
50
0.01
25.0
0.33
7.2
CMPZ4715
36
50
0.01
27.3
0.36
6.6
CMPZ4716
39
50
0.01
29.6
0.39
6.1
CMPZ4717
43
50
0.01
32.6
0.43
5.5
SOT-23 CASE - MECHANICAL OUTLINE
LEAD CODE:
1) Anode
2) No Connection
3) Cathode
MARKING CODE: CONSULT FACTORY
www.centr a lsemi.com
R8 (3-February 2010)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com