Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMPZ4702 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMPZ4702
Description  SURFACE MOUNT LOW LEVEL SILICON ZENER DIODE 350mW, 5% TOLERANCE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPZ4702 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMPZ4702 Datasheet HTML 1Page - Central Semiconductor Corp CMPZ4702 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMPZ4678 THRU CMPZ4717
SURFACE MOUNT
LOW LEVEL
SILICON ZENER DIODE
350mW, 5% TOLERANCE
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMPZ4678 Series
silicon zener diode is a high quality voltage regulator
designed for applications requiring an extremely low
operating current and low leakage.
MARKING CODE: CONSULT FACTORY
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
SYMBOL
UNITS
Power Dissipation
PD
350
mW
Operating and Storage Temperature
TJ, Tstg
-65 to +150
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C) VF=1.5V MAX @ IF=100mA (for all types)
TYPE
NOMINAL
ZENER
VOLTAGE
VZ @ IZT
TEST
CURRENT
IZT
MAXIMUM REVERSE
LEAKAGE CURRENT
IR
@
VR
MAXIMUM
VOLTAGE
CHANGE*
ΔVZ
MAXIMUM
ZENER
CURRENT
IZM
VμA
μAV
V
mA
CMPZ4678
1.8
50
7.5
1.0
0.70
120.0
CMPZ4679
2.0
50
5.0
1.0
0.70
110.0
CMPZ4680
2.2
50
4.0
1.0
0.75
100.0
CMPZ4681
2.4
50
2.0
1.0
0.80
95.0
CMPZ4682
2.7
50
1.0
1.0
0.85
90.0
CMPZ4683
3.0
50
0.8
1.0
0.90
85.0
CMPZ4684
3.3
50
7.5
1.5
0.95
80.0
CMPZ4685
3.6
50
7.5
2.0
0.95
75.0
CMPZ4686
3.9
50
5.0
2.0
0.97
70.0
CMPZ4687
4.3
50
4.0
2.0
0.99
65.0
CMPZ4688
4.7
50
10
3.0
0.99
60.0
CMPZ4689
5.1
50
10
3.0
0.97
55.0
CMPZ4690
5.6
50
10
4.0
0.96
50.0
CMPZ4691
6.2
50
10
5.0
0.95
45.0
CMPZ4692
6.8
50
10
5.1
0.90
35.0
CMPZ4693
7.5
50
10
5.7
0.75
31.8
CMPZ4694
8.2
50
1.0
6.2
0.50
29.0
CMPZ4695
8.7
50
1.0
6.6
0.10
27.4
CMPZ4696
9.1
50
1.0
6.9
0.08
26.2
CMPZ4697
10
50
1.0
7.6
0.10
24.8
CMPZ4698
11
50
0.05
8.4
0.11
21.6
* ΔVZ=VZ@ 100µA MINUS VZ @ 10µA.
SOT-23 CASE
R8 (3-February 2010)
www.centr a lsemi.com


Similar Part No. - CMPZ4702

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPZ4702 CENTRAL-CMPZ4702 Datasheet
92Kb / 2P
350mW LOW LEVEL ZENER DIODE 5% TOLERANCE
CMPZ4702 CENTRAL-CMPZ4702 Datasheet
395Kb / 2P
SURFACE MOUNT LOW LEVEL SILICON ZENER DIODE
More results

Similar Description - CMPZ4702

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMOZ2L4 CENTRAL-CMOZ2L4 Datasheet
97Kb / 2P
ULTRAmini. LOW LEVEL ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 350mW, 5% TOLERANCE
CMPZ4614 CENTRAL-CMPZ4614 Datasheet
92Kb / 2P
350mW LOW NOISE ZENER DIODE 5% TOLERANCE
CMPZ4678 CENTRAL-CMPZ4678 Datasheet
92Kb / 2P
350mW LOW LEVEL ZENER DIODE 5% TOLERANCE
logo
Diodes Incorporated
MMBZ5221B DIODES-MMBZ5221B Datasheet
66Kb / 3P
350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 7 - 2
BZX84C43 DIODES-BZX84C43_1 Datasheet
350Kb / 3P
350mW SURFACE MOUNT ZENER DIODE
DS30370 Rev. 5 - 2
logo
Central Semiconductor C...
CMPZ4614 CENTRAL-CMPZ4614_10 Datasheet
395Kb / 2P
SURFACE MOUNT LOW NOISE SILICON ZENER DIODE 350mW, 5% TOLERANCE
CMPZ5221B CENTRAL-CMPZ5221B_10 Datasheet
401Kb / 2P
SURFACE MOUNT SILICON ZENER DIODE 350mW, 5% TOLERANCE
BZX84A2V4 CENTRAL-BZX84A2V4_11 Datasheet
335Kb / 2P
SURFACE MOUNT SILICON ZENER DIODE 350mW, 2.4 THRU 47 VOLTS 1% TOLERANCE
logo
Diodes Incorporated
BZX84C18-7 DIODES-BZX84C18-7 Datasheet
197Kb / 5P
350mW SURFACE MOUNT ZENER DIODE
Rev 32
BZX84C2V4 DIODES-BZX84C2V4_15 Datasheet
197Kb / 5P
350mW SURFACE MOUNT ZENER DIODE
Rev 32
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com