Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34LC02 Datasheet(PDF) 33 Page - Microchip Technology

Part # 34LC02
Description  2K I2C??Serial EEPROM Software Write-Protect
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

34LC02 Datasheet(HTML) 33 Page - Microchip Technology

Back Button 34LC02 Datasheet HTML 28Page - Microchip Technology 34LC02 Datasheet HTML 29Page - Microchip Technology 34LC02 Datasheet HTML 30Page - Microchip Technology 34LC02 Datasheet HTML 31Page - Microchip Technology 34LC02 Datasheet HTML 32Page - Microchip Technology 34LC02 Datasheet HTML 33Page - Microchip Technology 34LC02 Datasheet HTML 34Page - Microchip Technology 34LC02 Datasheet HTML 35Page - Microchip Technology 34LC02 Datasheet HTML 36Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
 2011 Microchip Technology Inc.
DS22029F-page 33
34AA02/34LC02
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
PART NO.
X
/XX
Package
Temperature
Range
Device
Device:
34AA02:
=
1.7V, 2 Kbit I2C Serial EEPROM
34AA02T:
=
1.7V, 2 Kbit I2C Serial EEPROM
(Tape and Reel)
34LC02:
=
2.2V, 2 Kbit I2C Serial EEPROM
34LC02T:
=
2.2V, 2 Kbit I2C Serial EEPROM
(Tape and Reel)
Temperature
Range:
I
=
-40°C to +85°C
E
=
-40°C to +125°C
Package:
OT
=
Plastic Small Outline (SOT-23), 6-lead
P
=
Plastic DIP (300 mil body), 8-lead
SN
=
Plastic SOIC (3.90 mm body), 8-lead
ST
=
Plastic TSSOP (4.4 mm), 8-lead
MS
=
Plastic Micro Small Outline (MSOP), 8-lead
MNY(1) =
Plastic Dual Flat, no lead package
(2x3 mm body), 8-lead
Examples:
a)
34AA02-I/P:
Industrial
Temperature,
1.7V, PDIP package
b)
34AA02-I/SN:
Industrial
Temperature,
1.7V, SOIC package
c)
34AA02T-E/MS:
Tape
and
Reel,
Automotive Temperature, 1.7V, MSOP
package
d)
34LC02-I/P:
Industrial
Temperature,
2.2V, PDIP package
e)
34LC02-I/MNY: Industrial Temperature,
2.2V, DFN package
f)
34LC02T-E/MS:
Tape
and
Reel,
Automotive Temperature, 2.2V, MSOP
package
Note
1: “Y” indicates a Nickel Palladium Gold (NiPdAu) finish.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com