Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1623 Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP1623
Description  Low-Voltage Input Boost Regulator for PIC짰 Microcontrollers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1623 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP1623_11 Datasheet HTML 5Page - Microchip Technology MCP1623_11 Datasheet HTML 6Page - Microchip Technology MCP1623_11 Datasheet HTML 7Page - Microchip Technology MCP1623_11 Datasheet HTML 8Page - Microchip Technology MCP1623_11 Datasheet HTML 9Page - Microchip Technology MCP1623_11 Datasheet HTML 10Page - Microchip Technology MCP1623_11 Datasheet HTML 11Page - Microchip Technology MCP1623_11 Datasheet HTML 12Page - Microchip Technology MCP1623_11 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
© 2011 Microchip Technology Inc.
DS41420C-page 9
MCP1623/24
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Switch Node Pin (SW)
Connect the inductor from the input voltage to the SW
pin. The SW pin carries inductor current and can be as
high as 425 mA peak. The integrated N-Channel switch
drain and integrated P-Channel switch source are
internally connected at the SW node.
3.2
Ground Pin (GND)
The ground or return pin is used for circuit ground
connection. Length of trace from input cap return, output
cap return and GND pin should be made as short as
possible to minimize noise on the GND pin.
3.3
Enable Pin (EN)
The EN pin is a logic-level input used to enable or
disable device switching and lower quiescent current
while disabled. A logic high (>90% of VIN) will enable
the regulator output. A logic low (<20% of VIN) will
ensure that the regulator is disabled.
3.4
Feedback Voltage Pin (FB)
The FB pin is used to provide output voltage regulation
by using a resistor divider. The FB voltage will be 1.21V
typical with the output voltage in regulation.
3.5
Output Voltage Pin (VOUT)
The output voltage pin connects the integrated
P-Channel MOSFET to the output capacitor. The FB
voltage divider is also connected to the VOUT pin for
voltage regulation.
3.6
Power Supply Input Voltage Pin
(VIN)
Connect the input voltage source to VIN. The input
source should be decoupled to GND with a 4.7 µF
minimum capacitor.
3.7
Signal Ground Pin (SGND)
The signal ground pin is used as a return for the
integrated VREF and error amplifier. In the 2x3 DFN
package, the SGND and power ground (PGND) pins are
connected externally.
3.8
Power Ground Pin (PGND)
The power ground pin is used as a return for the high--
current N-Channel switch. In the 2x3 DFN package, the
PGND and signal ground (SGND) pins are connected
externally.
3.9
Output Voltage Sense Pin (VOUTS)
The output voltage sense pin connects the regulated
output voltage to the internal bias circuits. In the 2x3
DFN package, VOUTS and VOUTP are connected
externally.
3.10
Output Voltage Power Pin (VOUTP)
The output voltage power pin connects the output
voltage to the switch node. High current flows through
the integrated P-Channel and out of this pin to the
output capacitor and output. In the 2x3 DFN package,
VOUTS and VOUTP are connected externally.
3.11
Exposed Thermal Pad (EP)
There is an internal electrical connection between the
Exposed Thermal Pad (EP) and the VSS pin; they must
be connected to the same potential on the Printed
Circuit Board (PCB).
Pin Name
MCP1623/24
Description
SOT23
2x3 DFN
SW
1
5
Switch Node, Boost Inductor Input Pin
GND
2
—
Ground Pin
EN
3
4
Enable Control Input Pin
FB
4
1
Feedback Voltage Pin
VOUT
5
—
Output Voltage Pin
VIN
6
8
Input Voltage Pin
SGND
—
2
Signal Ground Pin
PGND
—
3
Power Ground Pin
VOUTS
—
7
Output Voltage Sense Pin
VOUTP
—
6
Output Voltage Power Pin
EP
—
9
Exposed Thermal Pad (EP); must be connected to VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com