Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMSZDA2V7 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMSZDA2V7
Description  SURFACE MOUNT DUAL, COMMON ANODE SILICON ZENER DIODES 275mW, 2.4 THRU 47 VOLTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMSZDA2V7 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMSZDA2V7 Datasheet HTML 1Page - Central Semiconductor Corp CMSZDA2V7 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CMSZDA2V4 THRU CMSZDA47V
SURFACE MOUNT
DUAL, COMMON ANODE
SILICON ZENER DIODES
275mW, 2.4 THRU 47 VOLTS
TYPE
ZENER
VOLTAGE
VZ @ IZT
TEST
CURRENT
MAXIMUM
ZENER IMPEDANCE
MAXIMUM
REVERSE
CURRENT
MAXIMUM
ZENER
CURRENT
MAXIMUM
ZENER
VOLTAGE
TEMP.
COEFF.
MARKING
CODE
MIN
NOM
MAX
IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
IZM
ΘVZ
V
V
V
mA
Ω
Ω
mA
μA
V
mA
% / °C
CMSZDA18V
16.8
18
19.1
5.0
45
225
1.0
0.05
12.6
9.2
0.08
Y6Y
CMSZDA20V
18.8
20
21.2
5.0
55
225
1.0
0.05
14
8.3
0.08
Y7Y
CMSZDA22V
20.8
22
23.3
5.0
55
250
1.0
0.05
15.4
7.6
0.09
Y8Y
CMSZDA24V
22.8
24
25.6
5.0
70
250
1.0
0.05
16.8
7.0
0.09
Y9Y
CMSZDA27V
25.1
27
28.9
2.0
80
300
0.5
0.05
18.9
6.2
0.09
10W
CMSZDA30V
28
30
32
2.0
80
300
0.5
0.05
21
5.6
0.09
11W
CMSZDA33V
31
33
35
2.0
80
325
0.5
0.05
23.1
5.0
0.09
12W
CMSZDA36V
34
36
38
2.0
90
350
0.5
0.05
25.2
4.6
0.09
13W
CMSZDA39V
37
39
41
2.0
130
350
0.5
0.05
27.3
4.3
0.09
14W
CMSZDA43V
40
43
46
2.0
150
375
0.5
0.05
30.1
3.9
0.10
15W
CMSZDA47V
44
47
50
2.0
170
375
0.5
0.05
32.9
3.5
0.10
16W
ELECTRICAL CHARACTERISTICS PER DIODE - Continued: (TA=25°C) VF=0.9V MAX @ IF=10mA (for all types)
LEAD CODE:
1) Cathode D2
2) Cathode D1
3) Anode D1, D2
SOT-323 CASE - MECHANICAL OUTLINE
www.centr a lsemi.com
R5 (9-February 2010)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com