Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP2030A Datasheet(PDF) 49 Page - Microchip Technology

Part # MCP2030A
Description  Three-Channel Analog Front-End Devicewith 1 mVPP Input Detection Sensitivity
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2030A Datasheet(HTML) 49 Page - Microchip Technology

Back Button MCP2030A Datasheet HTML 45Page - Microchip Technology MCP2030A Datasheet HTML 46Page - Microchip Technology MCP2030A Datasheet HTML 47Page - Microchip Technology MCP2030A Datasheet HTML 48Page - Microchip Technology MCP2030A Datasheet HTML 49Page - Microchip Technology MCP2030A Datasheet HTML 50Page - Microchip Technology MCP2030A Datasheet HTML 51Page - Microchip Technology MCP2030A Datasheet HTML 52Page - Microchip Technology MCP2030A Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 74 page
background image
2011 Microchip Technology Inc.
DS22235B-page 49
MCP2030A
Related Configuration Register Bits:
• Configuration Register 1 (Register 5-2),
DATOUT<8:7>:
bit 8 bit 7
00
: Demodulated Output
01
: Carrier Clock Output
10
: RSSI Output
11
: RSSI Output
• Configuration Register 2 (Register 5-3),
RSSIFET<8>:
0
: Pull-Down MOSFET off
1
: Pull-Down MOSFET on.
• Configuration Register 0 (Register 5-1): all bits
are affected.
5.30.3.1
ANALOG-TO-DIGITAL DATA
CONVERSION OF RSSI SIGNAL
The RSSI output is an a nalog current. It needs an
external analog-to-digital (ADC) data conversion
device for digitized output. The ADC data conversion
can be accomplished by using a stand-alone external
ADC device, an external MCU that has internal ADC
features, or an external MCU that has no ADC features
but instead uses firmware. The RSSIFET is used to dis-
charge any external charge on the LFDATA pin in the
RSSI Output mode. The MOSFET can be turned on or
off with bit RSSIFET<8> of C onfiguration Register 2
(Register 5-3). When it is turned on, the internal MOS-
FET provides a discharge path for the external capaci-
tor that is connected at the LFDATA pin. This MOSFET
option is valid only if RSSI output is selected and not
controllable by users for demodulated or carrier clock
output options.
See separate application notes for various external
ADC implementation methods for this device.
See Figure 5-8 for RSSI output path.
FIGURE 5-8:
RSSI Output Path.
Note:
The pull-down MOSFET option is valid
only when the RSSI output is selected.
The MOSFET is not controllable by users
when demodulated or carrier clock output
option is selected.
RSSI Output Current
Generator
VDD
RSSI Pull-down MOSFET (controlled by Config. 2, bit 8)
Current Output
LFDATA/CCLK Pin
RSSIFET(1)
Off
if RSSI active
RSSI Pin
Note
1:
The RSSIFET is used to discharge any external capacitor that is connected at the LFDATA pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com