Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4706 Datasheet(PDF) 41 Page - Microchip Technology

Part # MCP4706
Description  8-/10-/12-Bit Voltage Output Digital-to-Analog Converter with EEPROM and I2C Interface
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4706 Datasheet(HTML) 41 Page - Microchip Technology

Back Button MCP4706 Datasheet HTML 37Page - Microchip Technology MCP4706 Datasheet HTML 38Page - Microchip Technology MCP4706 Datasheet HTML 39Page - Microchip Technology MCP4706 Datasheet HTML 40Page - Microchip Technology MCP4706 Datasheet HTML 41Page - Microchip Technology MCP4706 Datasheet HTML 42Page - Microchip Technology MCP4706 Datasheet HTML 43Page - Microchip Technology MCP4706 Datasheet HTML 44Page - Microchip Technology MCP4706 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 86 page
background image
© 2011 Microchip Technology Inc.
DS22272A-page 41
MCP4706/4716/4726
TABLE 4-3:
STATUS BITS OPERATION
TABLE 4-4:
CONFIGURATION BITS
TABLE 4-5:
CONFIGURATION BIT VALUES AFTER POR/BOR EVENT
REGISTER 4-1:
DAC REGISTER BITS
Name
Function
RDY/BSY
This bit indicates the state of the EEPROM program memory
1
= EEPROM is not in a programming cycle
0
= EEPROM is in a programming cycle
POR
Power-On-Reset status indicator (flag)
1
= Device is powered on with VDD > VPOR.
Ensure that VDD is above VDD(MIN) to ensure proper operation.
0
= Device is in powered off state. If this value is read, VDD < VDD(MIN) < VPOR.
Unreliable device operation should be expected.
Name
Function
VREF1:VREF0
Resistor Ladder Voltage Reference (VRL) selection bits
0x
=VDD (Unbuffered)
10
=VREF pin (Unbuffered)
11
=VREF pin (Buffered)
PD1:PD0
Power-Down selection bits
When the DAC is powered down, most of the internal circuits are powered off and the op amp is
disconnected from the VOUT pin.
00
= Not Powered Down (Normal operation)
01
= Powered Down - VOUT is loaded with 1 kΩ resistor to ground.
10
= Powered Down - VOUT is loaded with 100 kΩ resistor to ground.
11
= Powered Down - VOUT is loaded with 500 kΩ resistor to ground.
Note:
See Table 4-2 and Figure 4-5 for more details.
G
Gain selection bit
0
=
1x (gain of 1)
1
=
2x (gain of 2). Not applicable when VDD is used as VRL
Note:
If VREF = VDD, the device uses a gain of 1 only, regardless of the gain selection bit (G)
setting.
R/W
R/W
R/W
R/W
R/W
Comment
Bit Name
VREF1
VREF0
PD1
PD0
G
POR Event
0(1)
0(1)
0(1)
0(1)
0(1)
When VDD transitions from VDD < VPOR to VDD > VPOR
BOR Event
00110
When VDD transitions from VDD > VBOR to VDD < VBOR
Note 1:
Default configuration when the device is shipped to customer. The POR/BOR value may be modified by
writing the corresponding nonvolatile configuration bit.
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Comment
Bit Name
—(2)
—(2)
—(2)
—(2)
D7
D6
D5
D4
D3
D2
D1
D0
MCP4706
—(2)
—(2)
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
MCP4716
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
MCP4726
POR/BOR Event
0(1)
0(1)
0(1)
0(1)
0(1)
0(1)
0(1)
0(1)
0(1)
0(1)
0(1)
0(1)
Note 1:
Default configuration when the device is shipped to customer. The POR/BOR value may be modified by
writing the corresponding nonvolatile configuration bit.
2:
This device does not implement this bit, so there is no corresponding POR/BOR value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com