Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4716 Datasheet(PDF) 66 Page - Microchip Technology

Part # MCP4716
Description  8-/10-/12-Bit Voltage Output Digital-to-Analog Converter with EEPROM and I2C Interface
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4716 Datasheet(HTML) 66 Page - Microchip Technology

Back Button MCP4716 Datasheet HTML 62Page - Microchip Technology MCP4716 Datasheet HTML 63Page - Microchip Technology MCP4716 Datasheet HTML 64Page - Microchip Technology MCP4716 Datasheet HTML 65Page - Microchip Technology MCP4716 Datasheet HTML 66Page - Microchip Technology MCP4716 Datasheet HTML 67Page - Microchip Technology MCP4716 Datasheet HTML 68Page - Microchip Technology MCP4716 Datasheet HTML 69Page - Microchip Technology MCP4716 Datasheet HTML 70Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 86 page
background image
MCP4706/4716/4726
DS22272A-page 66
© 2011 Microchip Technology Inc.
8.3.1.2
Building a “Window” DAC
When calibrating a set point or threshold of a sensor,
typically only a small portion of the DAC output range is
utilized. If the LSb size is adequate enough to meet the
application’s accuracy needs, the unused range is
sacrificed without consequences. If greater accuracy is
needed, then the output range will need to be reduced
to increase the resolution around the desired threshold.
If the threshold is not near VREF, 2 • VREF, or VSS then
creating a “window” around the threshold has several
advantages. One simple method to create this
“window” is to use a voltage divider network with a
pull-up and pull-down resistor. Figure 8-4 and Figure 8-
6 illustrate this concept.
FIGURE 8-4:
Single-Supply “Window”
DAC.
EQUATION 8-2:
VOUT AND VTRIP
CALCULATIONS
8.4
Bipolar Operation
Bipolar operation is achievable by utilizing an external
operational amplifier. This configuration is desirable
due to the wide variety and availability of op amps. This
allows a general purpose DAC, with its cost and
availability advantages, to meet almost any desired
output voltage range, power and noise performance.
Figure 8-5 illustrates a simple bipolar voltage source
configuration. R1 and R2 allow the gain to be selected,
while R3 and R4 shift the DAC's output to a selected
offset. Note that R4 can be tied to VDD, instead of VSS,
if a higher offset is desired.
FIGURE 8-5:
Digitally-Controlled Bipolar
Voltage Source Example Circuit.
EQUATION 8-3:
VOUT, VOA+, AND VO
CALCULATIONS
R1
VCC+
VCC–
VO
I2C™
2-wire
VREF
Optional
MCP47X6
VDD
VOUT
R2
C1
R3
VCC+
VCC–
RSENSE
Comp.
VTRIP
R
23
R
2R3
R
2
R
3
+
-------------------
=
V
23
V
CC+R2
()
V
CC-R3
()
+
R
2
R
3
+
------------------------------------------------------
=
V
TRIP
V
OUTR23
V
23R1
+
R
1
R
23
+
---------------------------------------------
=
Thevenin
Equivalent
R1
R23
V23
VOUT
VTRIP
VOUT = VREF • G •
DAC Register Value
2N
R3
VCC+
VCC–
VO
I2C™
2-wire
VREF
Optional
MCP47X6
VDD
R2
VOUT
VIN
R1
R4
C1
VOA+
VOA+ =
VOUT • R4
R3 + R4
VOUT = VREF • G •
DAC Register Value
2N
VO = VOA+ • ( 1 +
) - VDD • (
)
R2
R1
R2
R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com