Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4726 Datasheet(PDF) 35 Page - Microchip Technology

Part # MCP4726
Description  8-/10-/12-Bit Voltage Output Digital-to-Analog Converter with EEPROM and I2C Interface
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4726 Datasheet(HTML) 35 Page - Microchip Technology

Back Button MCP4726 Datasheet HTML 31Page - Microchip Technology MCP4726 Datasheet HTML 32Page - Microchip Technology MCP4726 Datasheet HTML 33Page - Microchip Technology MCP4726 Datasheet HTML 34Page - Microchip Technology MCP4726 Datasheet HTML 35Page - Microchip Technology MCP4726 Datasheet HTML 36Page - Microchip Technology MCP4726 Datasheet HTML 37Page - Microchip Technology MCP4726 Datasheet HTML 38Page - Microchip Technology MCP4726 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 86 page
background image
© 2011 Microchip Technology Inc.
DS22272A-page 35
MCP4706/4716/4726
4.0
GENERAL DESCRIPTION
The MCP4706, MCP4716, and MCP4726 devices are
single channel voltage output 8-bit, 10-bit, and 12-bit
DAC devices with nonvolatile memory (EEPROM) and
an I2C serial interface. This family will be referred to as
MCP47X6.
The devices use a resistor ladder architecture. The
resistor ladder DAC is driven from a software
selectable voltage reference source. The source can
be either the device’s internal VDD or the external VREF
pin voltage.
The DAC output is buffered with a low power and
precision output amplifier (op amp). This output
amplifier provides a rail-to-rail output with low offset
voltage and low noise. The gain of the output buffer is
software configurable.
This device also has user programmable nonvolatile
memory (EEPROM), which allows the user to save the
desired POR/BOR value of the DAC register and
device configuration bits.
The devices use a two-wire I2C serial communication
interface and operate with a single supply voltage from
2.7V to 5.5V.
4.1
Power-On-Reset / Brown Out
Reset (POR/BOR)
The internal Power-On-Reset (POR) / Brown-Out
Reset (BOR) circuit monitors the power supply voltage
(VDD) during operation. This circuit ensures correct
device start-up at system power-up and power-down
events. VRAM is the RAM retention voltage and is
always lower than the POR trip point voltage.
POR occurs as the voltage is rising (typically from 0V),
while BOR occurs as the voltage is falling (typically
from VDD(MIN) or higher).
When the rising VDD voltage crosses the VPOR trip
point, the following occurs:
• Nonvolatile DAC Register value latched into
volatile DAC Register
• Nonvolatile configuration bit values latched into
volatile configuration bits
• POR status bit is set (“1”)
• The reset delay timer starts; when timer times out
(tPORD), the I
2C interface is operational.
The analog output (VOUT) state will be determined by
the state of the volatile configuration bits and the DAC
Register. This is called a POR reset (event).
When the falling VDD voltage crosses the VPOR trip
point, the following occurs:
• Device is forced into a power down state
(PD1:PD0 = ‘11’). Analog circuitry is turned off.
• Volatile DAC Register is forced to 000h
• Volatile configuration bits VREF1, VREF0 and G are
forced to ‘0’
Figure 4-1 illustrates the conditions for power-up and
power-down events under typical conditions.
FIGURE 4-1:
Power-On-Reset Operation.
VPOR
TPORD
VDD(MIN)
Normal Operation
BOR reset,
volatile DAC Register = 000h
volatile VREF1:VREF0 = 00
Device in
Below
VRAM
Device in
POR state
unknown
state
minimum
operating
voltage
Device in
unknown
state
Device
in power
down
state
(60 µs max.)
volatile G = 0
volatile PD1:PD0 = 11
VBOR
Volatile memory
retains data value
Volatile memory
becomes corrupted
POR starts Reset Delay Timer.
When timer times out, I2C interface
can operate (if VDD >= VDD(MIN))
EEPROM data latched into volatile
configuration bits and DAC register.
POR status bit is set (“1”)
POR reset forced active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com