Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC24FV32KA304 Datasheet(PDF) 4 Page - Microchip Technology

Part # PIC24FV32KA304
Description  20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FV32KA304 Datasheet(HTML) 4 Page - Microchip Technology

  PIC24FV32KA304 Datasheet HTML 1Page - Microchip Technology PIC24FV32KA304 Datasheet HTML 2Page - Microchip Technology PIC24FV32KA304 Datasheet HTML 3Page - Microchip Technology PIC24FV32KA304 Datasheet HTML 4Page - Microchip Technology PIC24FV32KA304 Datasheet HTML 5Page - Microchip Technology PIC24FV32KA304 Datasheet HTML 6Page - Microchip Technology PIC24FV32KA304 Datasheet HTML 7Page - Microchip Technology PIC24FV32KA304 Datasheet HTML 8Page - Microchip Technology PIC24FV32KA304 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 322 page
background image
PIC24FV32KA304 FAMILY
DS39995A-page 4
 2011 Microchip Technology Inc.
High-Performance CPU:
• Modified Harvard Architecture
• Up to 16 MIPS Operation @ 32 MHz
• 8 MHz Internal Oscillator:
- 4x PLL option
- Multiple clock divide options
- Fast start-up
• 17-Bit x 17-Bit Single-Cycle Hardware Fractional/
Integer Multiplier
• 32-Bit by 16-Bit Hardware Divider
• 16 x 16-Bit Working Register Array
• C Compiler Optimized Instruction Set Architecture
• Linear Program Memory Addressing up to 12 Mbytes
• Linear Data Memory Addressing up to 64 Kbytes
• Two Address Generation Units for Separate Read
and Write Addressing of Data Memory
Analog Features:
• 12-Bit, up to 16-Channel Analog-to-Digital (A/D)
Converter:
- 100 ksps conversion rate
- Conversion available during Sleep and Idle
- Auto-sampling option at fixed intervals during Sleep
and Idle modes
- Wake-up on Auto-Compare option
• Triple Rail-to-Rail Analog Comparators with
Programmable Input/Output Configuration
• On-Chip Voltage Reference
• Charge Time Measurement Unit (CTMU):
- Capacitive measurement, up to 16 channels
- Time measurement down to 200 ps resolution
- Up to 16 external trigger pairs
• Internal Temperature Sensor with Dedicated A/D
Converter Input
PIC24F
Device
Memory
PIC24FV16KA301
/PIC24F16KA301
20
16K
2K
512
5
3322
2
12
3
12
Y
PIC24FV32KA301
/PIC24F32KA301
20
32K
2K
512
5
3322
2
12
3
12
Y
PIC24FV16KA302
/PIC24F16KA302
28
16K
2K
512
5
3322
2
13
3
13
Y
PIC24FV32KA302
/PIC24F32KA302
28
32K
2K
512
5
3322
2
13
3
13
Y
PIC24FV16KA304
/PIC24F16KA304
44
16K
2K
512
5
3322
2
16
3
16
Y
PIC24FV32KA304
/PIC24F32KA304
44
32K
2K
512
5
3322
2
16
3
16
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com