Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC78835K Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC78835K
Description  18 Bits Digital Filter and D/A Converter for Digital Audio
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78835K Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC78835K Datasheet HTML 1Page - Sanyo Semicon Device LC78835K Datasheet HTML 2Page - Sanyo Semicon Device LC78835K Datasheet HTML 3Page - Sanyo Semicon Device LC78835K Datasheet HTML 4Page - Sanyo Semicon Device LC78835K Datasheet HTML 5Page - Sanyo Semicon Device LC78835K Datasheet HTML 6Page - Sanyo Semicon Device LC78835K Datasheet HTML 7Page - Sanyo Semicon Device LC78835K Datasheet HTML 8Page - Sanyo Semicon Device LC78835K Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Specifications
Absolute Maximum Ratings at Ta = 25°C, VSS = 0°C
Allowable Operating Ranges
DC Characteristics at Ta = –30 to +75°C, VDD = 3.5 to 5.5 V, VSS = 0 V
Note: * 3, 4, 5, 6, 7, 11, 13, 14, 15, 16, 17 and 18 pin
AC Characteristics at Ta = –30 to +75°C, VDD = 3.5 to 5.5 V, VSS = 0 V
No. 4624-2/14
LC78835K, 78835KM
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
–0.3 to + 7.0
V
Input voltage
VIN
–0.3 to VDD + 0.3
V
Output voltage
VOUT
–0.3 to VDD + 0.3
V
Operating temperature
Topr
–30 to + 75
°C
Storage temperature
Tstg
–40 to + 125
°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Supply voltage
VDD
3.5
5.0
5.5
V
Reference voltage high
Vref H
VDD – 0.3
VDD
V
Reference voltage low
Vref L
0
0.3
V
Operating temperature
Topr
–30
+75
°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Input high level voltage (1)
VIH1
3, 4, 5, 6, 7, 13, 14, 15, 16, 17 and 18 pin
2.2
V
Input low level voltage (1)
VIL1
3, 4, 5, 6, 7, 13, 14, 15, 16, 17 and 18 pin
0.8
V
Input high level voltage (2)
VIH2
11 pin
0.7VDD
V
Input low level voltage (2)
VIL2
11 pin
0.3VDD
V
Output high level voltage
VOH
9 pin: IOH = –3 mA
2.4
V
Output low level voltage
VOL
9 pin: IOL = 3 mA
0.4
V
Input leakage current
IL
*, VI = VSS, VDD
–25
+25
µA
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Oscillation frequency
fX
XIN pin for crystal oscillator
1.0
25
MHz
Clock pulse width
tCW
With external clock input to other than XIN pin
18
ns
Clock pulse phase
tCY
With external clock input to other than XIN pin
40
1000
ns
BCLK pulse width
tBCW
60
ns
BCLK pulse phase
tBCY
120
ns
Data setup time
tDS
40
ns
Data hold time
tDH
40
ns
LRCK setup time
tLRS
40
ns
LRCK hold time
tLRH
40
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com