Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PX-990 Datasheet(PDF) 3 Page - Vectron International, Inc

Part # PX-990
Description  Crystal Oscillator Ultra Low Noise and G-Sensitivity
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

PX-990 Datasheet(HTML) 3 Page - Vectron International, Inc

  PX-990 Datasheet HTML 1Page - Vectron International, Inc PX-990 Datasheet HTML 2Page - Vectron International, Inc PX-990 Datasheet HTML 3Page - Vectron International, Inc PX-990 Datasheet HTML 4Page - Vectron International, Inc PX-990 Datasheet HTML 5Page - Vectron International, Inc PX-990 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page 3 of 6
-180
-160
-140
-120
-100
-80
10
100
1000
10000
100000
1000000
10000000
Offset Frequency [Hz]
Dimensions in mm
Outline Drawing / Enclosure
Typical Phase Noise @ 120 MHz without vibration
Pin Connections
1
N.C.
2
Supply Voltage (Vs)
3
RF-Output
4
Ground (Case)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com