Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYDM064B16 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # CYDM064B16
Description  1.8V 4K/8K/16K x 16 MoBL짰 Dual-Port Static RAM
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYDM064B16 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button CYDM064B16 Datasheet HTML 9Page - Cypress Semiconductor CYDM064B16 Datasheet HTML 10Page - Cypress Semiconductor CYDM064B16 Datasheet HTML 11Page - Cypress Semiconductor CYDM064B16 Datasheet HTML 12Page - Cypress Semiconductor CYDM064B16 Datasheet HTML 13Page - Cypress Semiconductor CYDM064B16 Datasheet HTML 14Page - Cypress Semiconductor CYDM064B16 Datasheet HTML 15Page - Cypress Semiconductor CYDM064B16 Datasheet HTML 16Page - Cypress Semiconductor CYDM064B16 Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
CYDM064B16
CYDM128B16
CYDM256B16
Document #: 001-00217 Rev. *H
Page 13 of 27
AC Test Loads and Waveforms
1.8V
GND
90%
90%
10%
10%
ALL INPUT PULSES
(a) Normal Load
R1
3.0V/2.5V/1.8V
OUTPUT
R2
C = 30 pF
VTH = 0.8V
OUTPUT
(b) Thévenin Equivalent (Load 1)
(c) Three-State Delay (Load 2)
R1
R2
3.0V/2.5V/1.8V
OUTPUT
RTH = 6 kΩ
≤ 3 ns
≤ 3 ns
including scope and jig)
(Used for tLZ, tHZ, tHZWE, and tLZWE
3.0V/2.5V
1.8V
R1
1022Ω
13500Ω
R2
792Ω
10800Ω
C = 30 pF
C = 5 pF
Notes
23. Test conditions assume signal transition time of 3 ns or less, timing reference levels of VCC/2, input pulse levels of 0 to VCC, and output loading of the specified IOI/IOH
and 30 pF load capacitance.
24. To access RAM, CE = L, UB = L, SEM = H. To access semaphore, CE = H and SEM = L. Either condition must be valid for the entire tSCE time.
25. At any temperature and voltage condition for any device, tHZCE is less than tLZCE and tHZOE is less than tLZOE.
26. Test conditions used are Load 3.
27. This parameter is guaranteed but not tested. For information on port-to-port delay through RAM cells from writing port to reading port, refer to Read Timing with Busy
waveform.
Switching Characteristics for VCC = 1.8V
Over the Operating Range[23]
Parameter
Description
CYDM256B16, CYDM128B16, CYDM064B16
Unit
-55
Min
Max
Read Cycle
tRC
Read Cycle Time
55
ns
tAA
Address to Data Valid
55
ns
tOHA
Output Hold From Address Change
5
ns
tACE
[24]
CE LOW to Data Valid
55
ns
tDOE
OE LOW to Data Valid
30
ns
tLZOE
[25, 26, 27]
OE Low to Low Z
5
ns
tHZOE
[25, 26, 27]
OE HIGH to High Z
25
ns
tLZCE
[25, 26, 27]
CE LOW to Low Z
5
ns
tHZCE
[25, 26, 27]
CE HIGH to High Z
25
ns
tPU
[27]
CE LOW to Power up
0
ns
tPD
[27]
CE HIGH to Power down
55
ns
tABE
[24]
Byte Enable Access Time
55
ns
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com