Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8650 Datasheet(PDF) 27 Page - ams AG

Part # AS8650
Description  High-efficient Power Management Device with High-speed CAN Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8650 Datasheet(HTML) 27 Page - ams AG

Back Button AS8650 Datasheet HTML 23Page - ams AG AS8650 Datasheet HTML 24Page - ams AG AS8650 Datasheet HTML 25Page - ams AG AS8650 Datasheet HTML 26Page - ams AG AS8650 Datasheet HTML 27Page - ams AG AS8650 Datasheet HTML 28Page - ams AG AS8650 Datasheet HTML 29Page - ams AG AS8650 Datasheet HTML 30Page - ams AG AS8650 Datasheet HTML 31Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 46 page
background image
www.austriamicrosystems.com/AS8650
Revision 1.0
27 - 46
AS8650
Datasheet - Detailed Descr i p ti on
Figure 14. Interrupt Register Structure
7.16 Status Registers
The AS8650 has three Flag status registers and one RESET reason register. The Flag status registers indicate the current status of flags which
are related to respective interrupt source registers. The Flag status registers are Bus status register, Temperature status register and Supply
status register. The microprocessor can read these registers any time to check the status of device. The function of each flag is listed in register
space description in subsequent sections.
A RESET reason register indicates the reasons for RESET generation. Once the RESET pin goes low, the reason of this reset event is stored in
RESET reason register. When RESET is released microprocessor can read this register to know the cause for last RESET signal. The RESET
reason register is cleared once microprocessor reads this register through read operation. The bits functionality of this register is explained in
register space description table.
I1
I2
I3
R
R
R
R
R
Interrupt Register
D1
D7 D6
D2
D3
D4
D5
D0
Interrupt Source Registers
D1
D7 D6
D2
D3
D4
D5
D0
D1
R
RD2
D0
RR
D3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com