Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC79400 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC79400
Description  Dot Matrix LCD Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC79400 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC79400 Datasheet HTML 1Page - Sanyo Semicon Device LC79400 Datasheet HTML 2Page - Sanyo Semicon Device LC79400 Datasheet HTML 3Page - Sanyo Semicon Device LC79400 Datasheet HTML 4Page - Sanyo Semicon Device LC79400 Datasheet HTML 5Page - Sanyo Semicon Device LC79400 Datasheet HTML 6Page - Sanyo Semicon Device LC79400 Datasheet HTML 7Page - Sanyo Semicon Device LC79400 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LC79400D
No. 4346-2/8
Allowable Operating Ranges at Ta = –20 to +75°C, VSS = 0 V
Note:2. The voltages V1, V3, V4, V7, VDD and VEE must obey the relationships: VDD ≥ V1 > V3 > V4 > VEE, VDD – V3 ≤ 7V, V4 – VEE ≤
7V.
3. When applying power, apply power to the LCD drive block after applying power to the logic block or apply power to both the blocks
simultaneously. When turning off power, turn off power to the logic block after turning off power to the LCD drive block or turn
off power to both the blocks simultaneously.
Electrical Characteristics at Ta = 25±2°C, VSS = 0 V, VDD = 5 V±10%
Note:4. VDE = V1 or V3 or V4 or VEE, V1 = VDD, V3 = 15/17 (VDD-VEE), V4 = 2/17 (VDD-VEE)
5. ISS current flows from VDD to VSS.
6. IEE current flows from VDD to VEE.
Switching Characteristics at Ta = 25±2°C, VSS = 0 V, VDD = 5 V±10%
Parameter
Symbol
Conditions
min
typ
max
Unit
Supply voltage (logic)
VDD
4.5
5.5
V
Supply voltage (LCD)
VDD - VEE
*
2
, *3
12
32
V
Input high-level voltage
VIH
DI1 to 4, CP, LOAD, CDR, CDL
0.8 VDD
V
R/L, M, DISP OFF
Input low-level voltage
VIL
DI1 to 4, CP, LOAD, CDR, CDL
0.2 VDD
V
R/L, M, DISP OFF
CP (shift clock)
fCP
CP
3.0
MHz
CP (pulse width)
fWC
CP
100
ns
LOAD pulse width
tWL
LOAD
100
ns
Setup time
tSETUP
DI1 to 4
→ CP
80
ns
Hold time
tHOLD
DI1 to 4
→ CP
80
ns
CP
→ LOAD
tCL1
CP
→ LOAD
0
ns
tCL2
CP
→ LOAD
100
ns
LOAD
→ CP
tLC
LOAD
→ CP
63
ns
tR
CP
50
ns
Rise/Fall time
tF
CP
50
ns
tRL
LOAD
50
ns
tFL
LOAD
50
ns
Parameter
Symbol
Conditions
min
typ
max
Unit
Input high-level current
IIH
VIN = VDD; LOAD, CP, CDR (CDL),
1
µA
R/L, DI1 to DI4, M, DISP OFF
Input low-level current
IIL
VIN = VSS; LOAD, CP, CDR (CDL),
–1
µA
R/L, DI1 to DI4, M, DISP OFF
Output high-level voltage
VOH
IOH = –400 µA; CDL (CDR)
VDD – 0.4
V
Output low-level voltage
VOL
IOL = 400 µA; CDL (CDR)
0.4
V
RON1
VDD – VEE = 30 V,  VDE – VO  = 0.5 V*4;
1.5
3.0
k
Ω
Driver on resistor
O1 to O80
RON2
VDD – VEE = 20 V,  VDE – VO  = 0.5 V*4;
2.0
3.5
k
Ω
O1 to O80
Standby current dissipation
IST
CDR (CDL) = VDD, VDD – VEE = 30 V
200
µA
CP = 3.0 MHz, no-load output: VSS
ISS*5
VDD – VEE = 30 V, CP = 3 MHz,
4.0
mA
Operation current dissipation
LOAD = 14 kHz, M = 35 Hz; VSS
ISS*6
VDD – VEE = 30 V, CP = 3 MHz,
0.1
mA
LOAD = 14 kHz, M = 35 Hz; VEE
Input capacity
CI
f = 3.0 MHz; CP
5
pF
Parameter
Symbol
Conditions
min
typ
max
Unit
Output delay time
tD
Load = 15 pF; CDR (CDL)
200
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com