Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYONS2000 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # CYONS2000
Description  OvationONS??II Wired Laser Navigation System-on-Chip
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYONS2000 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button CYONS2000 Datasheet HTML 9Page - Cypress Semiconductor CYONS2000 Datasheet HTML 10Page - Cypress Semiconductor CYONS2000 Datasheet HTML 11Page - Cypress Semiconductor CYONS2000 Datasheet HTML 12Page - Cypress Semiconductor CYONS2000 Datasheet HTML 13Page - Cypress Semiconductor CYONS2000 Datasheet HTML 14Page - Cypress Semiconductor CYONS2000 Datasheet HTML 15Page - Cypress Semiconductor CYONS2000 Datasheet HTML 16Page - Cypress Semiconductor CYONS2000 Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
CYONS2000
Document Number: 001-44044 Rev. *G
Page 13 of 36
Electrical Specifications
This section presents the DC and AC electrical specifications of the CYONS2000 device. For the most up-to-date electrical
specifications, confirm that you have the most recent datasheet by visiting http://www.cypress.com.
Absolute Maximum Ratings
Operating Conditions
Parameter
Min
Typ
Max
Unit
Conditions
Storage temperature[2]
–40
25
65
°C
Case temperature
Operating temperature
–5
55
°C
Case temperature
Lead solder temperature
–
–
260
°C
10 seconds
Supply voltage, DVDD, AVDD, VREGA,
and VREGD relative to DVSS)
––
3.6
V
Supply voltage, VDD5V relative to DVSS
–
–
5.5
V
Electrostatic discharge (ESD)
–
–
2.0
kV
All pins, HBM MIL 883 method 3015
I/O Voltage relative to DVSS
–0.5
–
DVDD + 0.5
V
GPIO ports 0, 2, and 3
I/O voltage relative to DVSS
–
–
5.5
V
GPIO port 1
Latch up current
–
–
100
mA
Maximum current into any GPIO pin
–25
–
+50
mA
Parameter
Min
Typ
Max
Unit
Conditions
Operating temperature
5
–
45
°C
Power supply voltage
VDD5V
DVDD, AVDD, VREGD
VREGA
4.35
2.70
1.71
–
5.25
3.60
3.60
V
Power supply rise time
100
–
–
µs
Supply noise – AVDD (sinusoidal)
–
–
25
mV pp
10 kHz to 50 MHz
Supply noise – VDD, DVDD (sinusoidal)
–
–
100
mV pp
10 kHz to 50 MHz
Distance from PCB to tracking surface
5.80
6
6.20
mm
See Figure 15 on page 26
PCB thickness
1.54
–
1.79
mm
See Figure 15 on page 26
Note
2. High storage temperature reduces flash data retention time specified in Table 7 on page 18. Recommended storage temperature is 25
± 25 °C. Extended duration
above 65
°C can degrade reliability.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com