Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBN17301 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBN17301
Description  173MHz SAW Filter 21MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN17301 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBN17301 Datasheet HTML 1Page - SIPAT Co,Ltd LBN17301 Datasheet HTML 2Page - SIPAT Co,Ltd LBN17301 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sales@sipat.com
Part Number
LBN17301
Rev. Date
2010-09-02
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
173MHz SAW Filter
21MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBN17301
Features
For IF SAW filter
Balance-ended operation
Ceramic Surface Mount Package
Small size
RoHS compliant (2002/95/EC), Pb-free
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
-
173
-
Insertion Loss
dB
-
10.5
11
1 dB Bandwidth
MHz
21
23.38
-
3 dB Bandwidth
MHz
-
24.64
-
Passband Variation(f0±10.5MHz)
dB
-
0.8
1
Absolute Delay
usec
-
0.79
-
10~145MHz
dB
45
50
-
145~154MHz
dB
10
48
-
190~200MHz
dB
10
36
-
Ultimate Rejection
200~1000MHz
dB
45
51
-
Material Temperature coefficient
KHz/°C
-16.26
Substrate Material
-
YZ LN
Ambient Temperature
°C
25
Operating Temperature Range
°C
-40
+90
DC Voltage
V
0
Input Power
dBm
-
-
10
ESD Class
-
1A
Package Size
SMD7.0*5.0
Notes:
1.
All specifications are based on the test circuit shown;
2.
In production, all specifications are measured by Agilent Network analyzer and full 4 port calibration at room
temperature;
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and
manufacturing tolerances;
4.
This is the optimum impedance in order to achieve the performance show.


Similar Part No. - LBN17301

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN17301 SIPAT-LBN17301 Datasheet
149Kb / 3P
173MHz SAW Filter 21MHz Bandwidth
More results

Similar Description - LBN17301

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN70A32 SIPAT-LBN70A32 Datasheet
141Kb / 3P
70MHz SAW Filter 21MHz Bandwidth
LBN09801 SIPAT-LBN09801 Datasheet
127Kb / 3P
98MHz SAW Filter 21MHz Bandwidth
LBN10705 SIPAT-LBN10705 Datasheet
187Kb / 3P
107MHz SAW Filter 21MHz Bandwidth
LBN15703 SIPAT-LBN15703 Datasheet
153Kb / 3P
157MHz SAW Filter 21MHz Bandwidth
LBN17701 SIPAT-LBN17701 Datasheet
150Kb / 3P
177MHz SAW Filter 21MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TB1124A TAI-SAW-TB1124A Datasheet
104Kb / 7P
SAW Filter 46.3MHz 21MHz BW (SMD 7.0횞5.0 mm)
logo
SIPAT Co,Ltd
LBN10705 SIPAT-LBN10705 Datasheet
192Kb / 3P
107MHz SAW Filter 21MHz Bandwidth
LBN15703 SIPAT-LBN15703 Datasheet
158Kb / 3P
157MHz SAW Filter 21MHz Bandwidth
LBN17301 SIPAT-LBN17301 Datasheet
149Kb / 3P
173MHz SAW Filter 21MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TB1255A TAI-SAW-TB1255A Datasheet
349Kb / 7P
SAW Filter 787.5MHz 21MHz BW (SMD 13.3횞6.5 mm)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com