Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC82102 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LC82102
Description  Image-Processing LSI for Fax, Copier and OCR Products
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC82102 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LC82102 Datasheet HTML 1Page - Sanyo Semicon Device LC82102 Datasheet HTML 2Page - Sanyo Semicon Device LC82102 Datasheet HTML 3Page - Sanyo Semicon Device LC82102 Datasheet HTML 4Page - Sanyo Semicon Device LC82102 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Block Diagram
Pin Functions
Type: I: Input pin, O: Output pin, B: Bidirectional pin, P: Power supply pin, NC: No connection
No. 5155-3/5
LC82102, LC82102W
Pin No.
Symbol
I/O
Function
1
D7
B
2
D6
B
3
D5
B
4
D4
B
CPU interface data bus
5
D3
B
D7 is the MSB and D0 is the LSB.
6
D2
B
7
D1
B
8
D0
B
9
DGND
P
Digital system ground
10
DVDD
P
Digital system power supply
11
A8
I
12
A7
I
13
A6
I
CPU interface address bus
14
A5
I
A8 is the MSB and A0 is the LSB.
15
A4
I
16
A3
I
17
DGND
P
Digital system ground
18
A2
I
19
A1
I
CPU interface address bus
20
A0
I
Continued on next page.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com