Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC82102W Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC82102W
Description  Image-Processing LSI for Fax, Copier and OCR Products
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC82102W Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC82102W Datasheet HTML 1Page - Sanyo Semicon Device LC82102W Datasheet HTML 2Page - Sanyo Semicon Device LC82102W Datasheet HTML 3Page - Sanyo Semicon Device LC82102W Datasheet HTML 4Page - Sanyo Semicon Device LC82102W Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Specifications
Absolute Maximum Ratings at Ta = 25°C, GND = 0 V
Allowable Operating Ranges at Ta = –30 to +70°C, GND = 0 V
DC Characteristics at Ta = –30 to +70°C, GND = 0 V, VDD = 4.5 to 5.5 V
Analog Characteristics
No. 5155-2/5
LC82102, LC82102W
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
–0.3 to +7.0
V
Maximum I/O voltages
VI, VO max
–0.3 to VDD + 0.3
V
Allowable power dissipation
Pd max
Ta
≤ 70°C
350
mW
Operating temperature
Topr
–30 to +70
°C
Storage temperature
Tstg
–55 to +125
°C
Soldering conditions
Hand soldering: 3 seconds
350
°C
Reflow soldering: 10 seconds
235
°C
Parameter
Symbol
Conditions
min
typ
max
Unit
Supply voltage
VDD
4.5
5.5
V
Input voltage
VIN
0
VDD
V
Parameter
Symbol
Conditions
min
typ
max
Unit
Input high level voltage
VIH
2.2
V
Input low level voltage
VIL
0.8
V
Input leakage current
IL
VIN = VDD, VSS
–25
+25
µA
Output high level voltage
VOH
IOH = –3 mA
2.4
V
Output low level voltage
VOL
IOL = 3 mA
0.4
V
Output leakage current
IL
For high-impedance output
–100
+100
µA
Current drain
IDD
CLKIN = 32 MHz
40
70
mA
Parameter
Symbol
Conditions
min
typ
max
Unit
[D/A Converter]
Resolution
6
bit
Internal resistance
5.0
k
Ω
[A/D Converter] when ADREFL = 0 V, and the ATAP potential is 4.2 V
Resolution
8
bit
Linearity error
±1
LSB
Differential linearity error
±1
LSB
Internal resistance
300
Ω



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com