Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT16C2T3 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT16C2T3
Description  Operating voltage: 2V ~ 3.6V Output power up to 10dBm
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16C2T3 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT16C2T3 Datasheet HTML 5Page - Holtek Semiconductor Inc HT16C2T3 Datasheet HTML 6Page - Holtek Semiconductor Inc HT16C2T3 Datasheet HTML 7Page - Holtek Semiconductor Inc HT16C2T3 Datasheet HTML 8Page - Holtek Semiconductor Inc HT16C2T3 Datasheet HTML 9Page - Holtek Semiconductor Inc HT16C2T3 Datasheet HTML 10Page - Holtek Semiconductor Inc HT16C2T3 Datasheet HTML 11Page - Holtek Semiconductor Inc HT16C2T3 Datasheet HTML 12Page - Holtek Semiconductor Inc HT16C2T3 Datasheet HTML 13Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Rev. 1.00
10
�an�a�� ��� �011
Rev. 1.00
11
�an�a�� ��� �011
HT16x2Tx/HT12x2Tx
216/212 RF Encoder
Holtek Semiconductor Inc. (Headquarters)
No.3� C�eation Rd. II� Science Pa�k� Hsinch�� Taiwan
Tel: ��6-3-563-1999
Fax: ��6-3-563-11�9
http://www.holtek.com.tw
Holtek Semiconductor Inc. (Taipei Sales Office)
4F-�� No. 3-�� Y�anQ� St.� Nankang Softwa�e Pa�k� Taipei 115� Taiwan
Tel: ��6-�-�655-7070
Fax: ��6-�-�655-7373
Fax: ��6-�-�655-73�3 (Inte�national sales hotline)
Holtek Semiconductor Inc. (Shenzhen Sales Office)
5F� Unit A� P�od�ctivit� B�ilding� No.5 Gaoxin M �nd Road� Nanshan Dist�ict� Shenzhen� China 51�057
Tel: �6-755-�616-990�� �6-755-�616-930�
Fax: �6-755-�616-97��
Holtek Semiconductor (USA), Inc. (North America Sales Office)
467�9 F�emont Blvd.� F�emont� CA 9453�� USA
Tel: 1-510-�5�-9��0
Fax: 1-510-�5�-9��5
http://www.holtek.com
Cop��ight
© �011 b� HOLTEK SEMICONDUCTOR INC.
The info�mation appea�ing in this Data Sheet is believed to be acc��ate at the time of p�blication. Howeve��
Holtek ass�mes no �esponsibilit� a�ising f�om the �se of the specifications desc�ibed. The applications
mentioned he�ein a�e �sed solel� fo� the p��pose of ill�st�ation and Holtek makes no wa��ant� o�
representation that such applications will be suitable without further modification, nor recommends the use
of its p�od�cts fo� application that ma� p�esent a �isk to h�man life d�e to malf�nction o� othe�wise. Holtek's
p�od�cts a�e not a�tho�ized fo� �se as c�itical components in life s�ppo�t devices o� s�stems. Holtek �ese�ves
the right to alter its products without prior notification. For the most up-to-date information, please visit our
web site at http://www.holtek.com.tw.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com