Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT12E2T3 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT12E2T3
Description  Operating voltage: 2V ~ 3.6V Output power up to 10dBm
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT12E2T3 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT12E2T3 Datasheet HTML 5Page - Holtek Semiconductor Inc HT12E2T3 Datasheet HTML 6Page - Holtek Semiconductor Inc HT12E2T3 Datasheet HTML 7Page - Holtek Semiconductor Inc HT12E2T3 Datasheet HTML 8Page - Holtek Semiconductor Inc HT12E2T3 Datasheet HTML 9Page - Holtek Semiconductor Inc HT12E2T3 Datasheet HTML 10Page - Holtek Semiconductor Inc HT12E2T3 Datasheet HTML 11Page - Holtek Semiconductor Inc HT12E2T3 Datasheet HTML 12Page - Holtek Semiconductor Inc HT12E2T3 Datasheet HTML 13Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Rev. 1.00
6
�an�a�� ��� �011
Rev. 1.00
7
�an�a�� ��� �011
HT16x2Tx/HT12x2Tx
216/212 RF Encoder
Operation Flowchart
Power on
Standby mode
No
YES
YES
No
4 data words
transmitted
4 data words
transmitted
continuously
Transmission
enabled?
Transmission
still enabled
Application Circuit
1
2
3
4
A
B
C
D
4
3
2
1
D
C
B
A
Title
Number
Revision
Size
A4
Date:
4-Nov-2010
Sheet
of
File:
D:\layout\HT9831_lay\HT1XET3\HT1XET3.Ddb
Drawn By:
433MTX(SZ01SZ1M11)
HT12E2TX_UHF TX
S1
SW-DIP
S7
SW-DIP
S8
SW-TACT
S9
SW-TACT
S10
SW-TACT
S11
SW-TACT
S12
SW-TACT
S13
SW-TACT
D1
LED
1
2
X1
BT2(3V)
BATTERY
BT1(12V)
BATTERY
R1
C2
C1
1
3
2
HT7136-1
U2 LDO
L1
150nH
Trace ANT
R3
C3
C4
C5
C6
C7
100pF
C8
0.1uF
VDD
S6
SW-DIP
S5
SW-DIP
S4
SW-DIP
S3
SW-DIP
S2
SW-DIP
S0
SW-DIP
PAOUT
10
VSS
9
XIN
12
XOUT
13
A5
2
B1
14
B0
B1
D3
16
D2
17
DOUT
11
VDD
8
D0
19
D1
18
A7
20
A6
1
A4
3
A3
4
A2
5
A0
7
A1
6
U1
HT12E2T3
Note: 1. When using a 6~12V battery, an HT7136 LDO should be added
2. 315MHz RF uses a 9.84375MHz Crystal
433MHz RF uses a 13.56MHz Crystal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com