Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT7722 Datasheet(PDF) 16 Page - Holtek Semiconductor Inc

Part # HT7722
Description  PFM Asynchronous Step-up DC to DC Converter (100mA)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7722 Datasheet(HTML) 16 Page - Holtek Semiconductor Inc

Back Button HT7722 Datasheet HTML 11Page - Holtek Semiconductor Inc HT7722 Datasheet HTML 12Page - Holtek Semiconductor Inc HT7722 Datasheet HTML 13Page - Holtek Semiconductor Inc HT7722 Datasheet HTML 14Page - Holtek Semiconductor Inc HT7722 Datasheet HTML 15Page - Holtek Semiconductor Inc HT7722 Datasheet HTML 16Page - Holtek Semiconductor Inc HT7722 Datasheet HTML 17Page - Holtek Semiconductor Inc HT7722 Datasheet HTML 18Page - Holtek Semiconductor Inc HT7722 Datasheet HTML 19Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Reel Dimensions
SOT89-3
Symbol
Description
Dimensions in mm
A
Reel Outer Diameter
180.0
±1.0
B
Reel Inner Diameter
62.0
±1.5
C
Spindle Hole Diameter
12.75
+0.15/-0.00
D
Key Slit Width
1.9
±0.15
T1
Space Between Flange
12.4
+0.2/-0.0
T2
Reel Thickness
17.0
+0.0/-0.4
SOT23-3, SOT23-5
Symbol
Description
Dimensions in mm
A
Reel Outer Diameter
178.0
±1.0
B
Reel Inner Diameter
62.0
±1.0
C
Spindle Hole Diameter
13.0
±0.2
D
Key Slit Width
2.50
±0.25
T1
Space Between Flange
8.4
+1.5/-0.0
T2
Reel Thickness
11.4
+1.5/-0.0
HT77XX
Rev 1.90
16
October 13, 2010
A
C
B
T 1
T 2
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com