Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT1622 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT1622
Description  RAM Mapping 4816 LCD Controller for I/O MCU
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1622 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT1622 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 9Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 10Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 11Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 12Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 13Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 14Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 15Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Name
ID
Command Code
D/C
Function
Def.
EXT (XTAL) 32K 100 0001-11XX-X
C
System clock source, external 32kHz
clock source or crystal oscillator
32.768kHz
TONE 4K
100 010X-XXXX-X
C
Tone frequency output: 4kHz
TONE 2K
100 0110-XXXX-X
C
Tone frequency output: 2kHz
IRQ DIS
100 100X-0XXX-X
C
Disable IRQ output
Yes
IRQ EN
100 100X-1XXX-X
C
Enable IRQ output
F1
100 101X-0000-X
C
Time base clock output: 1Hz
The WDT time-out flag after: 4s
F2
100 101X-0001-X
C
Time base clock output: 2Hz
The WDT time-out flag after: 2s
F4
100 101X-0010-X
C
Time base clock output: 4Hz
The WDT time-out flag after: 1s
F8
100 101X-0011-X
C
Time base clock output: 8Hz
The WDT time-out flag after: 1/2s
F16
100 101X-0100-X
C
Time base clock output: 16Hz
The WDT time-out flag after: 1/4s
F32
100 101X-0101-X
C
Time base clock output: 32Hz
The WDT time-out flag after: 1/8s
F64
100 101X-0110-X
C
Time base clock output: 64Hz
The WDT time-out flag after: 1/16s
F128
100 101X-0111-X
C
Time base clock output: 128Hz
The WDT time-out flag after: 1/32s
Yes
TEST
100 1110-0000-X
C
Test mode, user don
¢t use.
NORMAL
100 1110-0011-X
C
Normal mode
Yes
Note:
X : Don
¢t care
A7~A0 : RAM address
D3~D0 : RAM data
D/C : Data/Command mode
Def. : Power on reset default
All the bold forms, namely 110, 101, and 100, are mode commands. Of these, 100 indicates the command
mode ID. If successive commands have been issued, the command mode ID except for the first command will
be omitted. The source of the tone frequency and of the time base or WDT clock frequency can be derived from
an on-chip 32kHz RC oscillator, a 32.768kHz crystal oscillator, or an external 32kHz clock. Calculation of the
frequency is based on the system frequency sources as stated above. It is recommended that the host control-
ler should initialize the HT1626 after power on reset, for power on reset may fail, which in turn leads to the mal-
functioning of the HT1626.
HT1626
Rev. 1.60
13
November 9, 2010
PATENTED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com